Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCFT000180 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # MCFT000180
Description  Wound Chip Ferrite Inductors
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MCFT000180 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button MCFT000180 Datasheet HTML 2Page - List of Unclassifed Manufacturers MCFT000180 Datasheet HTML 3Page - List of Unclassifed Manufacturers MCFT000180 Datasheet HTML 4Page - List of Unclassifed Manufacturers MCFT000180 Datasheet HTML 5Page - List of Unclassifed Manufacturers MCFT000180 Datasheet HTML 6Page - List of Unclassifed Manufacturers MCFT000180 Datasheet HTML 7Page - List of Unclassifed Manufacturers MCFT000180 Datasheet HTML 8Page - List of Unclassifed Manufacturers MCFT000180 Datasheet HTML 9Page - List of Unclassifed Manufacturers MCFT000180 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
Wound Chip Ferrite Inductors
Page <9>
18/05/09 V1.1
http://www.farnell.com
http://www.newark.com
http://www.cpc.co.uk
Part Number Table
Description
Part Number
Inductor, Ferrite, 0805, 0.15uH
MCFT000152
Inductor, Ferrite, 0805, 0.22uH
MCFT000153
Inductor, Ferrite, 0805, 0.33uH
MCFT000154
Inductor, Ferrite, 0805, 0.47uH
MCFT000155
Inductor, Ferrite, 0805, 0.68uH
MCFT000156
Inductor, Ferrite, 0805, 1uH
MCFT000157
Inductor, Ferrite, 0805, 1.5uH
MCFT000158
Inductor, Ferrite, 0805, 2.2uH
MCFT000159
Inductor, Ferrite, 0805, 3.3uH
MCFT000160
Inductor, Ferrite, 0805, 4.7uH
MCFT000161
Inductor, Ferrite, 0805, 6.8uH
MCFT000162
Inductor, Ferrite, 0805, 10uH
MCFT000163
Inductor, Ferrite, 1008, 0.15uH
MCFT000164
Inductor, Ferrite, 1008, 0.22uH
MCFT000165
Inductor, Ferrite, 1008, 0.33uH
MCFT000166
Inductor, Ferrite, 1008, 0.47uH
MCFT000167
Inductor, Ferrite, 1008, 0.68uH
MCFT000168
Inductor, Ferrite, 1008, 1uH
MCFT000169
Inductor, Ferrite, 1008, 1.5uH
MCFT000170
Inductor, Ferrite, 1008, 2.2uH
MCFT000171
Inductor, Ferrite, 1008, 3.3uH
MCFT000172
Inductor, Ferrite, 1008, 4.7uH
MCFT000173
Inductor, Ferrite, 1008, 6.8uH
MCFT000174
Inductor, Ferrite, 1008, 10uH
MCFT000175
Inductor, Ferrite, 1008, 15uH
MCFT000176
Inductor, Ferrite, 1008, 22uH
MCFT000177
Inductor, Ferrite, 1008, 33uH
MCFT000178
Inductor, Ferrite, 1008, 47uH
MCFT000179
Inductor, Ferrite, 1008, 68uH
MCFT000180
Inductor, Ferrite, 1008, 100uH
MCFT000181
Inductor, Ferrite, 1210, 1uH
MCFT000182
Inductor, Ferrite, 1210, 1.5uH
MCFT000183
Inductor, Ferrite, 1210, 2.2uH
MCFT000184
Inductor, Ferrite, 1210, 3.3uH
MCFT000185


Similar Part No. - MCFT000180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCFT000100 ETC2-MCFT000100 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000101 ETC2-MCFT000101 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000102 ETC2-MCFT000102 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000103 ETC2-MCFT000103 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
MCFT000104 ETC2-MCFT000104 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
More results

Similar Description - MCFT000180

ManufacturerPart #DatasheetDescription
logo
WALSIN TECHNOLOGY CORPO...
WLFW1608 WALSIN-WLFW1608 Datasheet
280Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2012 WALSIN-WLFW2012 Datasheet
246Kb / 6P
   Wire Wound Ferrite Chip Inductors
WLFW2520 WALSIN-WLFW2520 Datasheet
291Kb / 6P
   Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
0805F-78NK FRONTIER-0805F-78NK Datasheet
86Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
logo
List of Unclassifed Man...
SQC ETC2-SQC Datasheet
463Kb / 7P
   SMD Wire Wound Ferrite Chip Inductors
logo
Frontier Electronics.
CF322522 FRONTIER-CF322522 Datasheet
57Kb / 3P
   Molded Wire Wound Ferrite Chip Inductors
1008F-47NM FRONTIER-1008F-47NM Datasheet
72Kb / 3P
   SMD Wire Wound Ferrite Chip Inductors
0603LS FRONTIER-0603LS Datasheet
242Kb / 3P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F_15 Datasheet
179Kb / 2P
   SMD WIRE WOUND FERRITE CHIP INDUCTORS
0805F FRONTIER-0805F Datasheet
79Kb / 2P
   SMD Wire Wound Ferrite Chip Inductors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com