Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1804T-3302IMB Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP1804T-3302IMB
Description  150 mA, 28V LDO Regulator With Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804T-3302IMB Datasheet(HTML) 1 Page - Microchip Technology

  MCP1804T-3302IMB Datasheet HTML 1Page - Microchip Technology MCP1804T-3302IMB Datasheet HTML 2Page - Microchip Technology MCP1804T-3302IMB Datasheet HTML 3Page - Microchip Technology MCP1804T-3302IMB Datasheet HTML 4Page - Microchip Technology MCP1804T-3302IMB Datasheet HTML 5Page - Microchip Technology MCP1804T-3302IMB Datasheet HTML 6Page - Microchip Technology MCP1804T-3302IMB Datasheet HTML 7Page - Microchip Technology MCP1804T-3302IMB Datasheet HTML 8Page - Microchip Technology MCP1804T-3302IMB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22200B-page 1
Features
• 150 mA Output Current
• Low Drop Out Voltage, 260 mV typical @ 20 mA,
VR = 3.3V
• 50 µA Typical Quiescent Current
• 0.01 µA Typical Shutdown Current
• Input Operating Voltage Range: 2.0V to 28.0V
• Standard Output Voltage Options
(1.8V, 2.5V, 3.0V, 3.3V, 5.0V, 10.0V, 12.0V)
• Output Voltage Accuracy: ±2%
• Output voltages from 1.8V to 18.0V in 0.1V
increments are available upon request
• Stable with Ceramic output capacitors
• Current Limit Protection With Current Foldback
• Shutdown pin
• High PSRR: 50 dB typical @ 1 kHz
Applications
• Cordless Phones, Wireless Communications
• PDAs, Notebook and Netbook Computers
• Digital Cameras
• Microcontroller Power
• Car Audio and Navigation Systems
• Home Appliances
Related Literature
• AN765, “Using Microchip’s Micropower LDOs”,
DS00765, Microchip Technology Inc., ©2002
• AN766, “Pin-Compatible CMOS Upgrades to
BiPolar LDOs”, DS00766, Microchip Technology
Inc., ©2002
• AN792, “A Method to Determine How Much
Power a SOT23 Can Dissipate in an Application”,
DS00792, Microchip Technology Inc., ©2001
Description
The MCP1804 is a family of CMOS low dropout (LDO)
voltage regulators that can deliver up to 150 mA of
current while consuming only 50 µA of quiescent
current (typical, 1.8V
≤ V
OUT ≤ 5.0V). The input
operating range is specified from 2.0V to 28.0V.
The MCP1804 is capable of delivering 100 mA with
only 1300 mV (typical) of input to output voltage
differential (VOUT = 3.3V). The output voltage tolerance
of the MCP1804 at +25°C is a maximum of ±2%. Line
regulation is ±0.15% typical at +25°C.
The LDO input and output is stable with 0.1 µF of input
and
output
capacitance.
Ceramic,
tantalum
or
aluminum electrolytic capacitors can all be used for
input and output. Overcurrent limit with current foldback
to 40 mA (typical) provides short-circuit protection.
A shutdown (SHDN) function allows the output to be
enabled or disabled.
When disabled, the MCP1804
draws only 0.01 µA of current (typical).
Package options include the SOT-23-5 (SOT-25), SOT-
89-3, SOT-89-5, and SOT-223-3.
Package Types
SOT-23-5
12
3
54
VOUT
VIN
NC
SHDN
GND
SOT-89-5
(Top View)
123
54
VOUT
SHDN
VIN
NC
GND
12
3
VOUT
VIN
GND
(Top View)
SOT-223
12
3
VOUT
VIN
VSS
(Top View)
SOT-89-3
150 mA, 28V LDO Regulator With Shutdown
MCP1804


Similar Part No. - MCP1804T-3302IMB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1804T-3302I/DB MICROCHIP-MCP1804T-3302I/DB Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804T-3302I/DM MICROCHIP-MCP1804T-3302I/DM Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-3302I/MB MICROCHIP-MCP1804T-3302I/MB Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-3302I/MB MICROCHIP-MCP1804T-3302I/MB Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804T-3302I/MT MICROCHIP-MCP1804T-3302I/MT Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
More results

Similar Description - MCP1804T-3302IMB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com