Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1804T-C002IOT Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP1804T-C002IOT
Description  150 mA, 28V LDO Regulator With Shutdown
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1804T-C002IOT Datasheet(HTML) 3 Page - Microchip Technology

  MCP1804T-C002IOT Datasheet HTML 1Page - Microchip Technology MCP1804T-C002IOT Datasheet HTML 2Page - Microchip Technology MCP1804T-C002IOT Datasheet HTML 3Page - Microchip Technology MCP1804T-C002IOT Datasheet HTML 4Page - Microchip Technology MCP1804T-C002IOT Datasheet HTML 5Page - Microchip Technology MCP1804T-C002IOT Datasheet HTML 6Page - Microchip Technology MCP1804T-C002IOT Datasheet HTML 7Page - Microchip Technology MCP1804T-C002IOT Datasheet HTML 8Page - Microchip Technology MCP1804T-C002IOT Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
© 2009 Microchip Technology Inc.
DS22200B-page 3
MCP1804
1.0
ELECTRICAL
CHARACTERISTICS
Absolute Maximum Ratings †
Input Voltage ...................................................... +30V
Output Current (Continuous)........... PD/(VIN-VOUT)mA
Output Current (Peak)...................................... 300 mA
Output Voltage ..................... (VSS-0.3V) to (VIN+0.3V)
SHDN Voltage ................................(VSS-0.3V) to +30V
Continuous Power Dissipation:
SOT-25......................................................... 250 mW
SOT-89......................................................... 500 mW
SOT-223....................................................... 300 mW
† Notice: Stresses above those listed under “Maximum
Ratings” may cause permanent damage to the device. This is
a stress rating only and functional operation of the device at
those or any other conditions above those indicated in the
operational listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may
affect device reliability.
ELECTRICAL CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, all limits are established for VIN = VR + 2.0V, Note 1,
COUT = 1 µF (X7R), CIN = 1 µF (X7R), VSHDN = VIN, TA = +25°C
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input / Output Characteristics
Input Operating
Voltage
VIN
2.0
28.0
V
Note 1
Input Quiescent
Current
Iq
IL = 0 mA
50
105
µA
1.8V
≤ V
OUT ≤ 5.0V
60
115
µA
5.1V
≤ V
OUT ≤ 12.0V
65
125
µA
12.1V
≤ V
OUT ≤ 18.0V
Shutdown Current
ISHDN
0.01
0.10
µA
SHDN = 0V
Maximum Output
Current
IOUT_mA
VIN = VR + 3.0V
100
mA
VOUT <3.0V
150
mA
VOUT ≥ 3.0V
Current Limiter
ILIMIT
—200
mA
Output Short Circuit
Current
IOUT_SC
—40
mA
Output Voltage
Regulation
VOUT
VR-2.0%
VR
VR+2.0%
V
IOUT =10mA, Note 2
VOUT Temperature
Coefficient
TCVOUT
—±100
ppm/°C
IOUT =20mA,
-40°C
≤ T
A ≤+85°C, Note 3
Line Regulation
ΔV
OUT/
(VOUTXΔVIN)
(VR +2V) ≤ VIN ≤ 28V, Note 1
0.05
0.10
%/V
IOUT = 5 mA
0.15
0.30
%/V
IOUT = 13 mA
Note 1:
The minimum VIN must meet one condition: VIN ≥ (VR + 2.0V).
2:
VR is the nominal regulator output voltage with an input voltage of VIN = VR + 2.0V.
For example: VR = 1.8V, 2.5V, 3.0V, 3.3V, etc.
3:
TCVOUT = (VOUT-HIGH - VOUT-LOW) *10
6 / (V
R * ΔTemperature), VOUT-HIGH = highest voltage measured
over the temperature range. VOUT-LOW = lowest voltage measured over the temperature range.
4:
Load regulation is measured at a constant junction temperature using low duty cycle pulse testing.
Changes in output voltage due to heating effects are determined using thermal regulation specification
TCVOUT.
5:
Dropout voltage is defined as the input to output differential at which the output voltage drops 2% below its
measured value with an applied input voltage of VR + 2.0V.


Similar Part No. - MCP1804T-C002IOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1804T-C002I/DB MICROCHIP-MCP1804T-C002I/DB Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804T-C002I/DM MICROCHIP-MCP1804T-C002I/DM Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-C002I/MB MICROCHIP-MCP1804T-C002I/MB Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
MCP1804T-C002I/MB MICROCHIP-MCP1804T-C002I/MB Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804T-C002I/MT MICROCHIP-MCP1804T-C002I/MT Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
More results

Similar Description - MCP1804T-C002IOT

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1804 MICROCHIP-MCP1804_13 Datasheet
2Mb / 36P
   150 mA, 28V LDO Regulator With Shutdown
08/20/13
MCP1804 MICROCHIP-MCP1804 Datasheet
649Kb / 38P
   150 mA, 28V LDO Regulator With Shutdown
2009
TC1017 MICROCHIP-TC1017 Datasheet
450Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
2003
TC1017 MICROCHIP-TC1017_13 Datasheet
595Kb / 26P
   150 mA, Tiny CMOS LDO With Shutdown
11/29/12
TC1017R-3VLTTR MICROCHIP-TC1017R-3VLTTR Datasheet
299Kb / 22P
   150 mA, Tiny CMOS LDO With Shutdown
03/01/05
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
logo
Texas Instruments
LP2985 TI-LP2985_10 Datasheet
650Kb / 27P
[Old version datasheet]   150-mA LOW-NOISE LOW-DROPOUT REGULATOR WITH SHUTDOWN
logo
Microchip Technology
MIC5205 MICROCHIP-MIC5205 Datasheet
1Mb / 20P
   150 mA Low-Noise LDO Regulator
09/14/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com