Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6225616ML-45SLET Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY6225616ML-45SLET
Description  256K X 16 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6225616ML-45SLET Datasheet(HTML) 2 Page - Lyontek Inc.

  LY6225616ML-45SLET Datasheet HTML 1Page - Lyontek Inc. LY6225616ML-45SLET Datasheet HTML 2Page - Lyontek Inc. LY6225616ML-45SLET Datasheet HTML 3Page - Lyontek Inc. LY6225616ML-45SLET Datasheet HTML 4Page - Lyontek Inc. LY6225616ML-45SLET Datasheet HTML 5Page - Lyontek Inc. LY6225616ML-45SLET Datasheet HTML 6Page - Lyontek Inc. LY6225616ML-45SLET Datasheet HTML 7Page - Lyontek Inc. LY6225616ML-45SLET Datasheet HTML 8Page - Lyontek Inc. LY6225616ML-45SLET Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
LY6225616
Rev. 1.5
256K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 45/55/70ns
Low power consumption:
Operating current : 45/40/30mA (TYP.)
Standby current : 5
μA@5V(TYP.) LL/SL version
3
μA@3V(TYP.) SL version
Single 4.5V ~ 5.5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data byte control : LB# (DQ0 ~ DQ7)
UB# (DQ8 ~ DQ15)
Data retention voltage : 1.5V (MIN.)
Green package available
Package : 44-pin 400 mil TSOP-II
48-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY6225616 is a 4,194,304-bit low power CMOS
static random access memory organized as 262,144
words by 16 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY6225616 is well designed for low power
application, and particularly well suited for battery
back-up nonvolatile memory application.
The LY6225616 operates from a single power
supply of 4.5V ~ 5.5V and all inputs and outputs are
fully TTL compatible
PRODUCT FAMILY
Product
Family
Operating
Temperatur
e
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY6225616(LL)
0 ~ 70℃
4.5 ~ 5.5V
45/55/70ns
-
5µA@5V
45/40/30mA
LY6225616(LLE)
-20 ~ 80℃
4.5 ~ 5.5V
45/55/70ns
-
5µA@5V
45/40/30mA
LY6225616(LLI)
-40 ~ 85℃
4.5 ~ 5.5V
45/55/70ns
-
5µA@5V
45/40/30mA
LY6225616(SL)
0 ~ 70℃
4.5 ~ 5.5V
45/55/70ns
3µA@3V
5µA@5V
45/40/30mA
LY6225616(SLE)
-20 ~ 80℃
4.5 ~ 5.5V
45/55/70ns
3µA@3V
5µA@5V
45/40/30mA
LY6225616(SLI)
-40 ~ 85℃
4.5 ~ 5.5V
45/55/70ns
3µA@3V
5µA@5V
45/40/30mA


Similar Part No. - LY6225616ML-45SLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6225616ML-45SLET LYONTEK-LY6225616ML-45SLET Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6225616ML-45SLET

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L25616_1008 LYONTEK-LY62L25616_1008 Datasheet
283Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62W25616 LYONTEK-LY62W25616_12 Datasheet
450Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616 Datasheet
179Kb / 13P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25616 LYONTEK-LY62L25616_17 Datasheet
863Kb / 15P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716_1008 LYONTEK-LY62L25716_1008 Datasheet
305Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716_16 Datasheet
786Kb / 18P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616_16 Datasheet
684Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY62L25716 LYONTEK-LY62L25716 Datasheet
196Kb / 16P
   256K X 16 BIT LOW POWER CMOS SRAM
LY6225616 LYONTEK-LY6225616 Datasheet
180Kb / 14P
   256K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L25616 ETC1-UT62L25616 Datasheet
193Kb / 12P
   256K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com