Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY621024PL-70SLIT Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY621024PL-70SLIT
Description  128K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY621024PL-70SLIT Datasheet(HTML) 2 Page - Lyontek Inc.

  LY621024PL-70SLIT Datasheet HTML 1Page - Lyontek Inc. LY621024PL-70SLIT Datasheet HTML 2Page - Lyontek Inc. LY621024PL-70SLIT Datasheet HTML 3Page - Lyontek Inc. LY621024PL-70SLIT Datasheet HTML 4Page - Lyontek Inc. LY621024PL-70SLIT Datasheet HTML 5Page - Lyontek Inc. LY621024PL-70SLIT Datasheet HTML 6Page - Lyontek Inc. LY621024PL-70SLIT Datasheet HTML 7Page - Lyontek Inc. LY621024PL-70SLIT Datasheet HTML 8Page - Lyontek Inc. LY621024PL-70SLIT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LY621024
Rev. 1.7
128K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 35/55/70ns
Low power consumption:
Operating current : 24/17/15mA (TYP.)
Standby current : 2
μA@5V(TYP.) LL/SL version
0.8
μA@3V(TYP.) SL version
Single 5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 1.5V (MIN.)
Green package available
Package : 32-pin 450 mil SOP
32-pin 600 mil P-DIP
32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
36-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY621024 is a 1,048,576-bit low power CMOS
static random access memory organized as 131,072
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY621024 is well designed for very low power
system applications, and particularly well suited for
battery back-up nonvolatile memory application.
The LY621024 operates from a single power
supply of 5V and all inputs and outputs are fully TTL
compatible
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY621024(LL)
0 ~ 70℃
4.5 ~ 5.5V
35/55/70ns
-
2µA@5V
24/17/15mA
LY621024(LLE)
-20 ~ 80℃
4.5 ~ 5.5V
35/55/70ns
-
2µA@5V
24/17/15mA
LY621024(LLI)
-40 ~ 85℃
4.5 ~ 5.5V
35/55/70ns
-
2µA@5V
24/17/15mA
LY621024(SL)
0 ~ 70℃
4.5 ~ 5.5V
35/55/70ns
0.8µA@3V
2µA@5V
24/17/15mA
LY621024(SLE)
-20 ~ 80℃
4.5 ~ 5.5V
35/55/70ns
0.8µA@3V
2µA@5V
24/17/15mA
LY621024(SLI)
-40 ~ 85℃
4.5 ~ 5.5V
35/55/70ns
0.8µA@3V
2µA@5V
24/17/15mA
FUNCTIONAL BLOCK DIAGRAM
DECODER
I/O DATA
CIRCUIT
CONTROL
CIRCUIT
128Kx8
MEMORY ARRAY
COLUMN I/O
A0-A16
Vcc
Vss
DQ0-DQ7
CE#
WE#
OE#
CE2
PIN DESCRIPTION
SYMBOL
DESCRIPTION
A0 - A16
Address Inputs
DQ0 – DQ7
Data Inputs/Outputs
CE#, CE2
Chip Enable Inputs
WE#
Write Enable Input
OE#
Output Enable Input
VCC
Power Supply
VSS
Ground
NC
No Connection


Similar Part No. - LY621024PL-70SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY621024PL-70SLI LYONTEK-LY621024PL-70SLI Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY621024PL-70SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L1024_1012 LYONTEK-LY62L1024_1012 Datasheet
345Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008-55PCN ALSC-AS6C1008-55PCN Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W1024 LYONTEK-LY62W1024 Datasheet
236Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024_16 Datasheet
812Kb / 18P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT621024 ETC-UT621024 Datasheet
205Kb / 12P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY621024 LYONTEK-LY621024_16 Datasheet
908Kb / 20P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62L1024 LYONTEK-LY62L1024 Datasheet
237Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
LY62W1024 LYONTEK-LY62W1024_12 Datasheet
446Kb / 16P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C1008 ALSC-AS6C1008 Datasheet
2Mb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L1024 ETC-UT62L1024 Datasheet
235Kb / 14P
   128K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com