Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP6041TI Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP6041TI
Description  600 nA, Rail-to-Rail Input/Output Op Amps
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6041TI Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP6041TI Datasheet HTML 2Page - Microchip Technology MCP6041TI Datasheet HTML 3Page - Microchip Technology MCP6041TI Datasheet HTML 4Page - Microchip Technology MCP6041TI Datasheet HTML 5Page - Microchip Technology MCP6041TI Datasheet HTML 6Page - Microchip Technology MCP6041TI Datasheet HTML 7Page - Microchip Technology MCP6041TI Datasheet HTML 8Page - Microchip Technology MCP6041TI Datasheet HTML 9Page - Microchip Technology MCP6041TI Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
MCP6041/2/3/4
DS21669C-page 6
© 2008 Microchip Technology Inc.
Note: Unless otherwise indicated, T
A = +25°C, VDD = +1.4V to +6.0V, VSS =GND, VCM =VDD/2, VOUT ≈ VDD/2,
VL =VDD/2, RL =1MΩ to VL, and CL =60 pF.
FIGURE 2-7:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-8:
Input Noise Voltage Density
vs. Frequency.
FIGURE 2-9:
CMRR, PSRR vs.
Frequency.
FIGURE 2-10:
The MCP6041/2/3/4 family
shows no phase reversal.
FIGURE 2-11:
Input Noise Voltage Density
vs. Common Mode Input Voltage.
FIGURE 2-12:
CMRR, PSRR vs. Ambient
Temperature.
250
300
350
400
450
500
0.00.5 1.01.5 2.02.5 3.03.5 4.04.5 5.05.5
Output Voltage (V)
VDD = 5.5V
VDD = 1.4V
100
1000
0.1
1
10
100
1000
Frequency (Hz)
20
30
40
50
60
70
80
90
0.1
1
10
100
1000
Frequency (Hz)
PSRR–
PSRR+
CMRR
Referred to Input
-1
0
1
2
3
4
5
6
0
5
10
15
20
25
Time (5 ms/div)
VIN
VDD = 5.0V
G = +2 V/V
VOUT
0
50
100
150
200
250
300
Common Mode Input Voltage (V)
f = 1 kHz
VDD = 5.0V
70
75
80
85
90
95
100
-50
-25
0
255075
100
125
Ambient Temperature (°C)
PSRR
(VCM = VSS)
CMRR
(VDD = 5.0V, VCM = -0.3V to +5.3V)


Similar Part No. - MCP6041TI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6041T MICROCHIP-MCP6041T Datasheet
621Kb / 32P
   600 nA, Rail-to-Rail Input/Output Op Amps
2002
MCP6041T MICROCHIP-MCP6041T Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041T-E MICROCHIP-MCP6041T-E Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6041T-E/OT MICROCHIP-MCP6041T-E/OT Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6041T-EOT MICROCHIP-MCP6041T-EOT Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
More results

Similar Description - MCP6041TI

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6044-I MICROCHIP-MCP6044-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041 MICROCHIP-MCP6041 Datasheet
621Kb / 32P
   600 nA, Rail-to-Rail Input/Output Op Amps
2002
MCP6043T-I MICROCHIP-MCP6043T-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041 MICROCHIP-MCP6041_13 Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
2001-2013
MCP6041T-E MICROCHIP-MCP6041T-E Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-I MICROCHIP-MCP6044-I Datasheet
1Mb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6042-I MICROCHIP-MCP6042-I Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6044-E MICROCHIP-MCP6044-E Datasheet
507Kb / 34P
   600 nA, Rail-to-Rail Input/Output Op Amps
01/02/08
MCP6041T-I MICROCHIP-MCP6041T-I Datasheet
1Mb / 40P
   600 nA, Rail-to-Rail Input/Output Op Amps
11/29/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com