Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1640DT-IMC Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP1640DT-IMC
Description  0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1640DT-IMC Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP1640DT-IMC Datasheet HTML 3Page - Microchip Technology MCP1640DT-IMC Datasheet HTML 4Page - Microchip Technology MCP1640DT-IMC Datasheet HTML 5Page - Microchip Technology MCP1640DT-IMC Datasheet HTML 6Page - Microchip Technology MCP1640DT-IMC Datasheet HTML 7Page - Microchip Technology MCP1640DT-IMC Datasheet HTML 8Page - Microchip Technology MCP1640DT-IMC Datasheet HTML 9Page - Microchip Technology MCP1640DT-IMC Datasheet HTML 10Page - Microchip Technology MCP1640DT-IMC Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
 2010 Microchip Technology Inc.
DS22234A-page 7
MCP1640/B/C/D
Note: Unless otherwise indicated, VIN = EN = 1.2V, COUT =CIN =10 µF, L =4.7 µH, VOUT =3.3V, ILOAD =15 mA, TA =+25°C.
FIGURE 2-13:
Input No Load Current vs.
VIN.
FIGURE 2-14:
N-Channel and P-Channel
RDSON vs. > of VIN or VOUT.
FIGURE 2-15:
PFM / PWM Threshold
Current vs. VIN.
FIGURE 2-16:
MCP1640 3.3V VOUT PFM
Mode Waveforms.
FIGURE 2-17:
MCP1640B 3.3V VOUT
PWM Mode Waveforms.
FIGURE 2-18:
MCP1640/B High Load
Waveforms.
10
100
1000
10000
0.8
1.1
1.4
1.7
2
2.3
2.6
2.9
3.2
3.5
VIN (V)
VOUT = 3.3V
VOUT = 5.0V
VOUT = 2.0V
V
OUT = 2.0V
VOUT = 3.3V
VOUT = 5.0V
PWM / PFM
PWM ONLY
0
1
2
3
4
5
1
1.5
2
2.5
3
3.5
4
4.5
5
> VIN or VOUT
P - Channel
N - Channel
0
2
4
6
8
10
12
14
16
0
0.511.522.5
3
3.5
4
VIN (V)
VOUT = 2.0V
VOUT = 3.3V
VOUT = 5.0V


Similar Part No. - MCP1640DT-IMC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640DT-IMC MICROCHIP-MCP1640DT-IMC Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640DT-IMC MICROCHIP-MCP1640DT-IMC Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640DT-IMC MICROCHIP-MCP1640DT-IMC Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
More results

Similar Description - MCP1640DT-IMC

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1640 MICROCHIP-MCP1640 Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2010
MCP1640 MICROCHIP-MCP1640_13 Datasheet
493Kb / 32P
   0.65V START-UP SYNCHRONOUS BOOST REGULATOR WITH TRUE OUTPUT DISCONNECT OR INPUT/OUTPUT BYPASS OPTION
02/18/11
MCP1640 MICROCHIP-MCP1640_15 Datasheet
511Kb / 32P
   0.65V Start-Up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
07/14/15
MCP1640BT-I MICROCHIP-MCP1640BT-I Datasheet
474Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
01/05/10
MCP1640 MICROCHIP-MCP1640_11 Datasheet
493Kb / 32P
   0.65V Start-up Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
2011
MCP16251 MICROCHIP-MCP16251_16 Datasheet
892Kb / 32P
   Low Quiescent Current, PFM/PWM Synchronous Boost Regulator with True Output Disconnect or Input/Output Bypass Option
06/23/16
logo
Renesas Technology Corp
ISL91134 RENESAS-ISL91134 Datasheet
210Kb / 2P
   High Efficiency 1.8A Boost Regulator With Input-to-Output Bypass
ISL91132 RENESAS-ISL91132 Datasheet
205Kb / 2P
   High Efficiency 1.8A Boost Regulator with Input-to-Output Bypass
ISL91133 RENESAS-ISL91133 Datasheet
204Kb / 2P
   High Efficiency 2.3A Boost Regulator With Input-to-Output Bypass
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com