Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1702T-2502ECB Datasheet(PDF) 10 Page - Microchip Technology

Part # MCP1702T-2502ECB
Description  250 mA Low Quiescent Current LDO Regulator
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1702T-2502ECB Datasheet(HTML) 10 Page - Microchip Technology

Back Button MCP1702T-2502ECB Datasheet HTML 6Page - Microchip Technology MCP1702T-2502ECB Datasheet HTML 7Page - Microchip Technology MCP1702T-2502ECB Datasheet HTML 8Page - Microchip Technology MCP1702T-2502ECB Datasheet HTML 9Page - Microchip Technology MCP1702T-2502ECB Datasheet HTML 10Page - Microchip Technology MCP1702T-2502ECB Datasheet HTML 11Page - Microchip Technology MCP1702T-2502ECB Datasheet HTML 12Page - Microchip Technology MCP1702T-2502ECB Datasheet HTML 13Page - Microchip Technology MCP1702T-2502ECB Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
MCP1702
DS22008B-page 10
© 2007 Microchip Technology Inc.
3.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
3.1
Ground Terminal (GND)
Regulator ground. Tie GND to the negative side of the
output and the negative side of the input capacitor.
Only the LDO bias current (2.0 µA typical) flows out of
this pin; there is no high current. The LDO output
regulation is referenced to this pin. Minimize voltage
drops between this pin and the negative side of the
load.
3.2
Regulated Output Voltage (VOUT)
Connect VOUT to the positive side of the load and the
positive terminal of the output capacitor. The positive
side of the output capacitor should be physically
located as close to the LDO VOUT pin as is practical.
The current flowing out of this pin is equal to the DC
load current.
3.3
Unregulated Input Voltage Pin
(VIN)
Connect VIN to the input unregulated source voltage.
Like all LDO linear regulators, low source impedance is
necessary for the stable operation of the LDO. The
amount of capacitance required to ensure low source
impedance will depend on the proximity of the input
source
capacitors or
battery type. For
most
applications, 1 µF of capacitance will ensure stable
operation of the LDO circuit. For applications that have
load currents below 100 mA, the input capacitance
requirement can be lowered. The type of capacitor
used can be ceramic, tantalum or aluminum
electrolytic. The low ESR characteristics of the ceramic
will yield better noise and PSRR performance at high-
frequency.
Pin No.
SOT-23A
Pin No.
SOT-89
Pin No.
TO-92
Symbol
Function
1
1
1
GND
Ground Terminal
233
VOUT
Regulated Voltage Output
32, Tab2
VIN
Unregulated Supply Voltage
NC
No connection


Similar Part No. - MCP1702T-2502ECB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702T-2502E/CB MICROCHIP-MCP1702T-2502E/CB Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
MCP1702T-2502E/CB MICROCHIP-MCP1702T-2502E/CB Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1702T-2502E/MB MICROCHIP-MCP1702T-2502E/MB Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
MCP1702T-2502E/MB MICROCHIP-MCP1702T-2502E/MB Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
MCP1702T-2502E/TO MICROCHIP-MCP1702T-2502E/TO Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
More results

Similar Description - MCP1702T-2502ECB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702 Datasheet
794Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
2007
MCP1702 MICROCHIP-MCP1702_09 Datasheet
473Kb / 32P
   250 mA Low Quiescent Current LDO Regulator
2009
logo
Guangdong Youtai Semico...
MCP1702T UMW-MCP1702T Datasheet
645Kb / 7P
   250 mA Low Quiescent Current LDO Regulator
logo
Microchip Technology
MCP1702 MICROCHIP-MCP1702_13 Datasheet
437Kb / 26P
   250 mA Low Quiescent Current LDO Regulator
08/04/10
MCP1703 MICROCHIP-MCP1703_11 Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2011
MCP1703A MICROCHIP-MCP1703A_13 Datasheet
2Mb / 31P
   250 mA, 16V, Low Quiescent Current LDO Regulator
08/20/13
logo
Fortune Semiconductor C...
FS8844 FORTUNE-FS8844 Datasheet
691Kb / 10P
   250 mA Low Quiescent Current LDO Linear Regulator
logo
Microchip Technology
MCP1703T-5002E MICROCHIP-MCP1703T-5002E Datasheet
745Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
02/18/11
MCP1703AT-3002E MICROCHIP-MCP1703AT-3002E Datasheet
3Mb / 30P
   250 mA, 16V, Low Quiescent Current LDO Regulator
11/29/11
MCP1703 MICROCHIP-MCP1703_09 Datasheet
546Kb / 32P
   250 mA, 16V, Low Quiescent Current LDO Regulator
2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com