Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1700T-1802EMB Datasheet(PDF) 6 Page - Microchip Technology

Part # MCP1700T-1802EMB
Description  Low Quiescent Current LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700T-1802EMB Datasheet(HTML) 6 Page - Microchip Technology

Back Button MCP1700T-1802EMB Datasheet HTML 2Page - Microchip Technology MCP1700T-1802EMB Datasheet HTML 3Page - Microchip Technology MCP1700T-1802EMB Datasheet HTML 4Page - Microchip Technology MCP1700T-1802EMB Datasheet HTML 5Page - Microchip Technology MCP1700T-1802EMB Datasheet HTML 6Page - Microchip Technology MCP1700T-1802EMB Datasheet HTML 7Page - Microchip Technology MCP1700T-1802EMB Datasheet HTML 8Page - Microchip Technology MCP1700T-1802EMB Datasheet HTML 9Page - Microchip Technology MCP1700T-1802EMB Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
MCP1700
DS21826B-page 6
© 2007 Microchip Technology Inc.
Note: Unless otherwise indicated: VR = 1.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN =VR +1V.
FIGURE 2-7:
Output Voltage vs. Input
Voltage (VR =5.0V).
FIGURE 2-8:
Output Voltage vs. Load
Current (VR =1.2V).
FIGURE 2-9:
Output Voltage vs. Load
Current (VR =1.8V).
FIGURE 2-10:
Output Voltage vs. Load
Current (VR =2.8V).
FIGURE 2-11:
Output Voltage vs. Load
Current (VR =5.0V).
FIGURE 2-12:
Dropout Voltage vs. Load
Current (VR =2.8V).
4.955
4.960
4.965
4.970
4.975
4.980
4.985
4.990
4.995
5.000
5
5.2
5.4
5.6
5.8
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
VR = 5.0V
IOUT = 0.1 mA
1.15
1.16
1.17
1.18
1.19
1.20
1.21
0
25
50
75
100
125
150
175
200
Load Curent (mA)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
VR = 1.2V
VIN = VR + 1V
1.778
1.780
1.782
1.784
1.786
1.788
1.790
1.792
0
25
50
75
100
125
150
175
200
Load Current (mA)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
VR = 1.8V
VIN = VR + 1V
2.778
2.780
2.782
2.784
2.786
2.788
2.790
2.792
2.794
2.796
2.798
0
50
100
150
200
250
Load Current (mA)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
VR = 2.8V
VIN = VR + 1V
4.955
4.960
4.965
4.970
4.975
4.980
4.985
4.990
4.995
5.000
0
50
100
150
200
250
Load Current (mA)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
VR = 5.0V
VIN = VR + 1V
0
0.05
0.1
0.15
0.2
0.25
0
25
50
75
100
125
150
175
200
225
250
Load Current (mA)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
VR = 2.8V


Similar Part No. - MCP1700T-1802EMB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700T-1802EMB MICROCHIP-MCP1700T-1802EMB Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700T-1802EMB MICROCHIP-MCP1700T-1802EMB Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700T-1802EMB MICROCHIP-MCP1700T-1802EMB Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
More results

Similar Description - MCP1700T-1802EMB

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700T-2502E MICROCHIP-MCP1700T-2502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
   300mA Low Quiescent Current LDO
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com