Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCP1700 Datasheet(PDF) 5 Page - Microchip Technology

Part # MCP1700
Description  Low Quiescent Current LDO
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1700 Datasheet(HTML) 5 Page - Microchip Technology

  MCP1700 Datasheet HTML 1Page - Microchip Technology MCP1700 Datasheet HTML 2Page - Microchip Technology MCP1700 Datasheet HTML 3Page - Microchip Technology MCP1700 Datasheet HTML 4Page - Microchip Technology MCP1700 Datasheet HTML 5Page - Microchip Technology MCP1700 Datasheet HTML 6Page - Microchip Technology MCP1700 Datasheet HTML 7Page - Microchip Technology MCP1700 Datasheet HTML 8Page - Microchip Technology MCP1700 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
© 2007 Microchip Technology Inc.
DS21826B-page 5
MCP1700
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated: VR = 1.8V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN =VR +V.
Note: Junction Temperature (TJ) is approximated by soaking the device under test to an ambient temperature equal to the desired junction
temperature. The test time is small enough such that the rise in Junction temperature over the Ambient temperature is not significant.
FIGURE 2-1:
Input Quiescent Current vs.
Input Voltage.
FIGURE 2-2:
Ground Current vs. Load
Current.
FIGURE 2-3:
Quiescent Current vs.
Junction Temperature.
FIGURE 2-4:
Output Voltage vs. Input
Voltage (VR =1.2V).
FIGURE 2-5:
Output Voltage vs. Input
Voltage (VR =1.8V).
FIGURE 2-6:
Output Voltage vs. Input
Voltage (VR =2.8V).
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
2.8
3.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
VR = 1.2V
IOUT = 0 µA
0
5
10
15
20
25
30
35
40
45
50
0
25
50
75
100
125
150
175
200
225
250
Load Current (mA)
VR = 2.8V
TJ = - 40°C
TJ = +25°C
TJ = +125°C
1.25
1.50
1.75
2.00
2.25
2.50
-40 -25 -10
5
20
35
50
65
80
95 110 125
Junction Temperature (°C)
VR = 5.0V
VR = 2.8V
VR = 1.2V
VIN = VR + 1V
IOUT = 0 µA
1.190
1.192
1.194
1.196
1.198
1.200
1.202
1.204
1.206
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
VR = 1.2V
IOUT = 0.1 mA
1.77
1.775
1.78
1.785
1.79
1.795
1.8
2
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
VR = 1.8V
IOUT = 0.1 mA
2.778
2.780
2.782
2.784
2.786
2.788
2.790
2.792
2.794
2.796
2.798
2.800
3.3
3.6
3.9
4.2
4.5
4.8
5.1
5.4
5.7
6
Input Voltage (V)
TJ = - 40°C
TJ = +25°C
TJ = +125°C
VR = 2.8V
IOUT = 0.1 mA


Similar Part No. - MCP1700

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700 MICROCHIP-MCP1700 Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700 Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700-1202E MICROCHIP-MCP1700-1202E Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700-1202E/TO MICROCHIP-MCP1700-1202E/TO Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
More results

Similar Description - MCP1700

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP1700 MICROCHIP-MCP1700 Datasheet
522Kb / 22P
   Low Quiescent Current LDO
2003
MCP1700T-5002E MICROCHIP-MCP1700T-5002E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
logo
Seaward Electronics Inc...
SE8801 SEAWARD-SE8801 Datasheet
469Kb / 7P
   Low Quiescent Current LDO
logo
Microchip Technology
MCP1700-1502E MICROCHIP-MCP1700-1502E Datasheet
654Kb / 24P
   Low Quiescent Current LDO
12/08/06
MCP1700 MICROCHIP-MCP1700_07 Datasheet
729Kb / 24P
   Low Quiescent Current LDO
2007
MCP1700 MICROCHIP-MCP1700_13 Datasheet
973Kb / 28P
   Low Quiescent Current LDO
08/20/13
logo
Micrel Semiconductor
MIC5327 MICREL-MIC5327 Datasheet
325Kb / 10P
   300mA Low Quiescent Current LDO
logo
Taiwan Semiconductor Co...
TS3480 TSC-TS3480_08 Datasheet
91Kb / 5P
   Low Quiescent Current LDO Voltage Regulator
logo
BCD Semiconductor Manuf...
AP2138,9 BCDSEMI-AP2138,9 Datasheet
988Kb / 25P
   ULTRA LOW QUIESCENT CURRENT CMOS LDO
logo
Taiwan Semiconductor Co...
TS9011 TSC-TS9011_10 Datasheet
237Kb / 7P
   250mA Low Quiescent Current CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com