Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRT0603-DX Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CRT0603-DX
Description  CRT Series - Thin Film Precision Chip Resistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CRT0603-DX Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CRT0603-DX Datasheet HTML 1Page - Bourns Electronic Solutions CRT0603-DX Datasheet HTML 2Page - Bourns Electronic Solutions CRT0603-DX Datasheet HTML 3Page - Bourns Electronic Solutions CRT0603-DX Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Features
Ultra-tight tolerance
Wide resistance range
RoHS compliant*
Four package sizes available
Applications
Current sense
Precision circuits
Medical equipment**
Printers
Automation equipment
Navigation equipment
CRT Series - Thin Film Precision Chip Resistors
* RoHS Directive 2002/95/EC Jan. 27, 2003 including annex and RoHS Recast 2011/65/EU June 8, 2011.
**Bourns® products have not been specifically designed and tested for FDA Class III applications and their use in such applications is neither recommended nor supported.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Characteristic
Model
Model
Model
Model
CRT0402
CRT0603
CRT0805
CRT1206
Power Rating @ 70 °C
1/16 watt
1/16 watt
1/10 watt
1/8 watt
Operating Temperature Range
-55 to +155 °C
Derated to Zero Load at
+155 °C
Maximum Working Voltage
25 V
50 V
100 V
150 V
Maximum Overload Voltage
50 V
100 V
200 V
300 V
Resistance Range
(E-96 + E-24 Values)
(See Standard Values Table)
Temperature Coefficient
of Resistance (TCR)
5 to 50 PPM/°C (See Value - TCR Table on Pages 2 & 3)
Environmental Characteristics
Specification
Test (MIL STD 202)
Limit (
ΔR)
Limit (
ΔR)
(Tol.
≤ 0.05 %)
(Tol. > 0.05 %)
Short Time Overload
2.5 x Max. Operating Voltage for 5 seconds
±0.05 %
±0.2 %
Load Life
1000 Hours at Rated Power
±0.05 %
±0.5 %
Humidity (Steady State)
Method 103B
±0.05 %
±0.3 %
Thermal Shock
Method 107
±0.05 %
±0.3 %
Solderability
Method 208H
Resistance to Soldering Heat
Method 210E
±0.05 %
±0.2 %
How to Order
CRT 0603 - C V - 1003 E LF
Model
(CRT = Thin Film Precision Chip Resistor
Size
0402
0603
0805
1206
Resistance Tolerance
F = ±1 %
B = ±0.1 %
D = ±0.5 %
A = ±0.05 %
C = ±0.25 % P = ±0.01 %
TCR (PPM/°C)
Z = ±50
W = ±10
Y = ±25
V = ±5
X = ±15
Resistance Value
<100 ohms:
“R” represents decimal point
(example: 24R3 = 24.3 ohms)
≥100 ohms:
First three digits are significant, fourth digit
represents number of zeroes to follow
(example: 8252 = 82.5K ohms)
Packaging
G = Paper tape (10K pcs.) on 7 ” plastic reel (CRT0402)
E = Paper tape (5K pcs.) on 7 ” plastic reel (CRT0603, CRT0805,
CRT1206)
Termination
LF = Tin-plated (RoHS compliant)
Derating Curve
100
80
60
40
20
0
-55
0
70
155
(°C) Ambient temperature


Similar Part No. - CRT0603-DX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT0603-DX-1003GLF BOURNS-CRT0603-DX-1003GLF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
CRT0603-DX1003EAS BOURNS-CRT0603-DX1003EAS Datasheet
397Kb / 4P
   Sulfur-Resistant Thin Film Precision Chip Resistors
CRT0603-DX1003GAS BOURNS-CRT0603-DX1003GAS Datasheet
397Kb / 4P
   Sulfur-Resistant Thin Film Precision Chip Resistors
More results

Similar Description - CRT0603-DX

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CRT1206 BOURNS-CRT1206 Datasheet
275Kb / 1P
   CRT Series Thin Film Precision Chip
CRT0603-CV-1003ELF BOURNS-CRT0603-CV-1003ELF Datasheet
425Kb / 4P
   Thin Film Precision Chip Resistors
logo
TT Electronics.
PFC-W0603LF-03 TTELEC-PFC-W0603LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MCS0402AT VISHAY-MCS0402AT_V01 Datasheet
150Kb / 10P
   Precision Thin Film Chip Resistors
01-Jan-2022
logo
Bourns Electronic Solut...
CRT BOURNS-CRT Datasheet
390Kb / 3P
   Thin Film Precision Chip Resistors
logo
IRC - a TT electronics ...
PFC-W0402R-01-1001 IRCTT-PFC-W0402R-01-1001 Datasheet
420Kb / 4P
   Precision Thin Film Chip Resistors
logo
MERITEK ELECTRONICS COR...
RN73 MERITEK-RN73 Datasheet
424Kb / 5P
   Precision Thin Film Chip Resistors
logo
Vishay Siliconix
MC_PRE VISHAY-MC_PRE Datasheet
165Kb / 11P
   Precision Thin Film Chip Resistors
Revision: 16-Jan-13
logo
TT Electronics.
PFC-W0805LF-03 TTELEC-PFC-W0805LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
PFC-W1206LF-03 TTELEC-PFC-W1206LF-03 Datasheet
714Kb / 3P
   Precision Thin Film Chip Resistors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com