Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY622568RL-70SLT Datasheet(PDF) 6 Page - Lyontek Inc.

Part # LY622568RL-70SLT
Description  256K X 8 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY622568RL-70SLT Datasheet(HTML) 6 Page - Lyontek Inc.

Back Button LY622568RL-70SLT Datasheet HTML 2Page - Lyontek Inc. LY622568RL-70SLT Datasheet HTML 3Page - Lyontek Inc. LY622568RL-70SLT Datasheet HTML 4Page - Lyontek Inc. LY622568RL-70SLT Datasheet HTML 5Page - Lyontek Inc. LY622568RL-70SLT Datasheet HTML 6Page - Lyontek Inc. LY622568RL-70SLT Datasheet HTML 7Page - Lyontek Inc. LY622568RL-70SLT Datasheet HTML 8Page - Lyontek Inc. LY622568RL-70SLT Datasheet HTML 9Page - Lyontek Inc. LY622568RL-70SLT Datasheet HTML 10Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
LY622568
Rev. 2.4
256K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
5
®
TIMING WAVEFORMS
READ CYCLE 1
(Address Controlled) (1,2)
Dout
Data Valid
tOH
tAA
Address
tRC
Previous Data Valid
READ CYCLE 2
(CE# and CE2 and OE# Controlled) (1,3,4,5)
Dout
Data Valid
tOH
OE#
High-Z
High-Z
tCLZ
tOLZ
tOE
tCHZ
tOHZ
CE2
tACE
CE#
tAA
Address
tRC
Notes :
1.WE# is high for read cycle.
2.Device is continuously selected OE# = low, CE# = low., CE2 = high.
3.Address must be valid prior to or coincident with CE# = low, CE2 = high; otherwise tAA is the limiting parameter.
4.tCLZ, tOLZ, tCHZ and tOHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.
5.At any given temperature and voltage condition, tCHZ is less than tCLZ , tOHZ is less than tOLZ.


Similar Part No. - LY622568RL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY622568RL-70SLT LYONTEK-LY622568RL-70SLT Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY622568RL-70SLT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_11 Datasheet
483Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C2008 ALSC-AS6C2008 Datasheet
3Mb / 13P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568 Datasheet
222Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_16 Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com