Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6212816ML-45SLIT Datasheet(PDF) 4 Page - Lyontek Inc.

Part # LY6212816ML-45SLIT
Description  128K X 16 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6212816ML-45SLIT Datasheet(HTML) 4 Page - Lyontek Inc.

  LY6212816ML-45SLIT Datasheet HTML 1Page - Lyontek Inc. LY6212816ML-45SLIT Datasheet HTML 2Page - Lyontek Inc. LY6212816ML-45SLIT Datasheet HTML 3Page - Lyontek Inc. LY6212816ML-45SLIT Datasheet HTML 4Page - Lyontek Inc. LY6212816ML-45SLIT Datasheet HTML 5Page - Lyontek Inc. LY6212816ML-45SLIT Datasheet HTML 6Page - Lyontek Inc. LY6212816ML-45SLIT Datasheet HTML 7Page - Lyontek Inc. LY6212816ML-45SLIT Datasheet HTML 8Page - Lyontek Inc. LY6212816ML-45SLIT Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
LY6212816
Rev. 1.5
128K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
3
®
PIN CONFIGURATION
A1
A2
A3
A4
DQ15
DQ0
DQ1
DQ2
Vcc
Vss
NC
A16
DQ14
DQ12
DQ13
DQ11
Vss
Vcc
DQ10
DQ9
DQ3
DQ4
TSOP II
28
14
13
12
11
10
9
8
7
6
5
4
3
2
1
17
16
15
20
19
18
22
23
24
25
26
27
21
A15
A0
DQ6
DQ7
A5
A6
A7
A8
A9
DQ5
DQ8
A14
A13
A12
A10
NC
34
29
30
31
32
33
44
39
40
41
42
43
35
36
37
38
A11
CE#
WE#
LB#
UB#
OE#
TFBGA
NC
A3
A10
A9
A11
A0
A14
A8
NC
WE#
DQ9
DQ14
DQ15
NC
Vss
NC
A13
DQ8
Vcc
Vcc
DQ7
A15
Vss
CE#
LB#
DQ6
DQ2
DQ0
A2
OE#
A1
A6
A5
A4
UB#
1234
56
H
G
C
D
E
F
A
B
A12
NC
NC
A7
A16
DQ10
DQ11
DQ12
DQ13
DQ5
DQ4
DQ3
DQ1
ABSOLUTE MAXIMUN RATINGS*
PARAMETER
SYMBOL
RATING
UNIT
Voltage on VCC relative to VSS
VT1
-0.5 to 6.5
V
Voltage on any other pin relative to VSS
VT2
-0.5 to VCC+0.5
V
Operating Temperature
TA
0 to 70(C grade)
-20 to 80(E grade)
-40 to 85(I grade)
Storage Temperature
TSTG
-65 to 150
Power Dissipation
PD
1
W
DC Output Current
IOUT
50
mA
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress
rating only and functional operation of the device or any other conditions above those indicated in the operational sections of this
specification is not implied. Exposure to the absolute maximum rating conditions for extended period may affect device reliability.


Similar Part No. - LY6212816ML-45SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6212816ML-45SLIT LYONTEK-LY6212816ML-45SLIT Datasheet
655Kb / 16P
   128K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6212816ML-45SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62L12816 LYONTEK-LY62L12816 Datasheet
178Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_11 Datasheet
500Kb / 13P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62W12816 LYONTEK-LY62W12816_17 Datasheet
796Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
LY6212816 LYONTEK-LY6212816 Datasheet
177Kb / 14P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916 LYONTEK-LY62L12916_13 Datasheet
467Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12816 ETC1-UT62L12816 Datasheet
206Kb / 12P
   128K x 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6212816 LYONTEK-LY6212816_16 Datasheet
655Kb / 16P
   128K X 16 BIT LOW POWER CMOS SRAM
LY62L12916 LYONTEK-LY62L12916_17 Datasheet
954Kb / 17P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62L12916 ETC-UT62L12916 Datasheet
234Kb / 8P
   128K X 16 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62L12916 LYONTEK-LY62L12916 Datasheet
193Kb / 15P
   128K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com