Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY625128RL-55SLI Datasheet(PDF) 2 Page - Lyontek Inc.

Part # LY625128RL-55SLI
Description  512K X 8 BIT LOW POWER CMOS SRAM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY625128RL-55SLI Datasheet(HTML) 2 Page - Lyontek Inc.

  LY625128RL-55SLI Datasheet HTML 1Page - Lyontek Inc. LY625128RL-55SLI Datasheet HTML 2Page - Lyontek Inc. LY625128RL-55SLI Datasheet HTML 3Page - Lyontek Inc. LY625128RL-55SLI Datasheet HTML 4Page - Lyontek Inc. LY625128RL-55SLI Datasheet HTML 5Page - Lyontek Inc. LY625128RL-55SLI Datasheet HTML 6Page - Lyontek Inc. LY625128RL-55SLI Datasheet HTML 7Page - Lyontek Inc. LY625128RL-55SLI Datasheet HTML 8Page - Lyontek Inc. LY625128RL-55SLI Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LY625128
Rev. 2.5
512K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
Fast access time : 45/55/70ns
Low power consumption:
Operating current : 45/40/30mA (TYP.)
Standby current : 5
μA@5V(TYP.) LL/SL version
3
μA@3V(TYP.) SL version
Single 4.5V ~ 5.5V power supply
All inputs and outputs TTL compatible
Fully static operation
Tri-state output
Data retention voltage : 1.5V (MIN.)
Green package available
Package : 32-pin 450 mil SOP
32-pin 8mm x 20mm TSOP-I
32-pin 8mm x 13.4mm STSOP
36-ball 6mm x 8mm TFBGA
GENERAL DESCRIPTION
The LY625128 is a 4,194,304-bit low power CMOS
static random access memory organized as 524,288
words by 8 bits. It is fabricated using very high
performance, high reliability CMOS technology. Its
standby current is stable within the range of
operating temperature.
The LY625128 is well designed for very low power
system applications, and particularly well suited for
battery back-up nonvolatile memory application.
The LY625128 operates from a single power
supply of 4.5V ~ 5.5V and all inputs and outputs are
fully TTL compatible
32-pin 600 mil P-DIP
PRODUCT FAMILY
Product
Family
Operating
Temperature
Vcc Range
Speed
Power Dissipation
Standby(ISB1,TYP.)
Operating(Icc,TYP.)
LY625128(LL)
0 ~ 70℃
4.5 ~ 5.5V
45/55/70ns
-
5µA@5V
45/40/30mA
LY625128(LLE)
-20 ~ 80℃
4.5 ~ 5.5V
45/55/70ns
-
5µA@5V
45/40/30mA
LY625128(LLI)
-40 ~ 85℃
4.5 ~ 5.5V
45/55/70ns
-
5µA@5V
45/40/30mA
LY625128(SL)
0 ~ 70℃
4.5 ~ 5.5V
45/55/70ns
3µA@3V
5µA@5V
45/40/30mA
LY625128(SLE)
-20 ~ 80℃
4.5 ~ 5.5V
45/55/70ns
3µA@3V
5µA@5V
45/40/30mA
LY625128(SLI)
-40 ~ 85℃
4.5 ~ 5.5V
45/55/70ns
3µA@3V
5µA@5V
45/40/30mA


Similar Part No. - LY625128RL-55SLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY625128RL-55SLI LYONTEK-LY625128RL-55SLI Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128RL-55SLIT LYONTEK-LY625128RL-55SLIT Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY625128RL-55SLI

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS6C4008-55TIN ALSC-AS6C4008-55TIN Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER 512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128_13 Datasheet
760Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128 Datasheet
248Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62W5128 LYONTEK-LY62W5128_17 Datasheet
1Mb / 23P
   512K X 8 BIT LOW POWER CMOS SRAM
LY62L5128 LYONTEK-LY62L5128_12 Datasheet
404Kb / 17P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008_V01 Datasheet
722Kb / 14P
   512K X 8 BIT LOW POWER CMOS SRAM
AUGUST 2009
logo
Lyontek Inc.
LY62W5128 LYONTEK-LY62W5128 Datasheet
170Kb / 11P
   512K X 8 BIT LOW POWER CMOS SRAM
LY625128 LYONTEK-LY625128_16 Datasheet
921Kb / 20P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C4008 ALSC-AS6C4008 Datasheet
2Mb / 15P
   512K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY625128 LYONTEK-LY625128 Datasheet
249Kb / 18P
   512K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com