Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CRCW0603 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # CRCW0603
Description  Thick Film, Rectangular Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

CRCW0603 Datasheet(HTML) 3 Page - Vishay Siliconix

  CRCW0603 Datasheet HTML 1Page - Vishay Siliconix CRCW0603 Datasheet HTML 2Page - Vishay Siliconix CRCW0603 Datasheet HTML 3Page - Vishay Siliconix CRCW0603 Datasheet HTML 4Page - Vishay Siliconix CRCW0603 Datasheet HTML 5Page - Vishay Siliconix CRCW0603 Datasheet HTML 6Page - Vishay Siliconix CRCW0603 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
www.vishay.com
For technical questions in Europe, contact: ff1aresistors@vishay.com
Document Number: 20008
116
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
Revision: 25-Mar-07
D...-CRCW
Vishay
Thick Film, Rectangular Chip Resistors
Notes
1. Preferred way for ordering products is by use of the PART NUMBER
2. Please refer to table PACKAGING, page 116
PART NUMBER AND PRODUCT DESCRIPTION1)
C
R
CW
0
8
5
0
56
2
R
FK
TA
MODEL/SIZE
VALUE
TOLERANCE
PACKAGING2)
SPECIAL
D100402
3 digit value
1 digit multiplier
F = ± 1 %
B = ± 100 ppm/K
up to 2 digits
D110603
A = ± 200 ppm/K
D120805
D251206
PART NUMBER: D1208050B5620FP0
PRODUCT DESCRIPTION:
D12 100 562R 1 % P5
D12
100
562R
1 %
P5
MODEL
RESISTANCE VALUE
TOLERANCE
PACKAGING2)
± 200 ppm/K
49K9 = 49.9 k
Ω
D10
± 100 ppm/K
D11
D12
D25
5R1 = 5.1
Ω
0R0 = Jumper
TCR
SPECIAL CHARACTER
0 = neutral
MULTIPLIER
7 = *10-3
8 = *10-2
9 = *10-1
0 = *100
1 = *101
0000 = Jumper
2 = *102
3 = *103
4 = *104
5 = *105
6 = *106
MODEL/SIZE
VALUE
TOLERANCE
PACKAGING2)
SPECIAL
R = Decimal
F = ± 1 %
J = ± 5 %
Z = Zero Ohm Jumper
up to 2 digits
TR = Customer Trimmable
K = Thousand
TA = RT1
TB = RT5
TC = RT6
TD = RT7
TF = R02
TG = R67
TH = R82
TK = RT9
BA = B27
M = Million
PART NUMBER: CRCW0805562RFKTA
PRODUCT DESCRIPTION:
CRCW 0805 5620 F 100 RT1
CRCW
5620
F
100
RT1
MODEL
RESISTANCE VALUE
TOLERANCE
PACKAGING2)
CRCW
±
100 ppm/K
685 = 6.8 M
Ω
224 = 220 k
Ω
±
200 ppm/K
0000 = Jumper
K = ± 100 ppm/K
N = ± 200 ppm/K
S = Jumper or Special
TCR
RT1
RT5
RT6
RT7
R02
R67
R82
RT9
B27
± 1 %
± 5 %
0 = Jumper
CRCW0402
CRCW0603
CRCW0805
CRCW1206
CRCW1210
CRCW2010
CRCW2512
CRCW1218
J = ± 5 %
M0
PZ
B5
BN
P0
P5
PN
MZ
MU
M0
PZ
B5
BN
0805
0402
0603
0805
1206
SIZE
F = ± 1 %
J = ± 5 %
Z = Zero Ohm Jumper
1201
1218
2010
2512
± 1 % = 3 sig.digits, plus multiplier
± 5 % = 2 sig.digits, plus multiplier
D25
D25
P0
P5
PN
MZ
MU
D1
2
0
8
00
5B
5
6
2
0
F
P
0
TCR
TCR
Temperature Rise
0402
0603 0805
1206
1210
2010
2512
90
80
70
60
50
40
30
20
10
0
0
0.1
0.2
0.3
0.4
0.5
Power in Watts
1218
Derating
* There are differences in board layout and measurements between CECC and EIA.
- 55
- 25
0
2550
75
100
125
150 175
120
100
80
60
40
20
0
Ambient Temperature in
°C
70
EIA*
CECC*


Similar Part No. - CRCW0603

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CRCW0603 VISHAY-CRCW0603 Datasheet
104Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 21-Mar-13
CRCW0603 VISHAY-CRCW0603 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
CRCW0603 VISHAY-CRCW0603 Datasheet
127Kb / 6P
   Pulse Proof, High Power Thick Film Chip Resistors
Revision: 07-May-09
CRCW0603 VISHAY-CRCW0603 Datasheet
111Kb / 5P
   Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor
Revision: 13-Oct-08
CRCW0603 VISHAY-CRCW0603 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - CRCW0603

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCW VISHAY-DCRCW Datasheet
136Kb / 6P
   Thick Film, Rectangular Chip Resistors
Revision 28-Apr-03
CRCW080568R0FKEA VISHAY-CRCW080568R0FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
logo
Rohm
MCR03 ROHM-MCR03_1 Datasheet
85Kb / 6P
   Thick film rectangular resistors
MCR03 ROHM-MCR03 Datasheet
59Kb / 5P
   Thick film rectangular resistors
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
CRCW0402 VISHAY-CRCW0402 Datasheet
120Kb / 2P
   Thick Film, Rectangular, Precision Resistors
Revision 18-Oct-02
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com