Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFP02N8-000 Datasheet(PDF) 4 Page - Alpha Industries

Part # AFP02N8-000
Description  General Purpose PHEMT Chip
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AFP02N8-000 Datasheet(HTML) 4 Page - Alpha Industries

  AFP02N8-000 Datasheet HTML 1Page - Alpha Industries AFP02N8-000 Datasheet HTML 2Page - Alpha Industries AFP02N8-000 Datasheet HTML 3Page - Alpha Industries AFP02N8-000 Datasheet HTML 4Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 6/99A
General Purpose PHEMT Chip
AFP02N8-000
Typical S-Parameters (VDS = 2 V, IDS = 30 mA)
Freq.
S11
S21
S12
S22
S21
MAG/
(GHz)
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
Mag.
Ang.
k
(dB)
MSG (dB)
2
0.942
-41.56
4.452
148.27
0.034
67.38
0.630
-16.20
0.27
12.97
21.17
3
0.904
-59.91
4.086
135.96
0.047
58.52
0.606
-22.82
0.33
12.23
19.39
4
0.863
-76.17
3.703
124.86
0.056
51.14
0.585
-27.90
0.42
11.37
18.20
5
0.829
-90.97
3.328
114.87
0.064
44.47
0.559
-33.10
0.50
10.44
17.16
6
0.804
-103.55
3.007
106.34
0.069
39.39
0.545
-37.24
0.58
9.56
16.39
7
0.783
-114.26
2.717
98.74
0.072
35.51
0.530
-40.37
0.68
8.68
15.77
8
0.770
-123.73
2.467
92.01
0.075
32.58
0.522
-43.96
0.74
7.84
15.17
9
0.759
-131.90
2.253
85.83
0.076
30.08
0.517
-47.08
0.83
7.06
14.72
10
0.747
-138.10
2.075
80.51
0.078
28.62
0.509
-50.12
0.92
6.34
14.25
11
0.741
-144.38
1.928
75.43
0.079
27.69
0.512
-52.73
0.98
5.70
13.88
12
0.731
-149.68
1.797
70.53
0.080
27.07
0.512
-55.37
1.07
5.09
11.96
13
0.721
-154.66
1.684
65.99
0.082
26.39
0.510
-58.89
1.14
4.53
10.86
14
0.716
-159.81
1.594
61.39
0.084
26.21
0.509
-61.45
1.19
4.05
10.17
15
0.711
-164.36
1.508
57.05
0.085
26.37
0.508
-64.01
1.25
3.57
9.45
16
0.703
-169.44
1.437
52.71
0.086
26.37
0.511
-67.45
1.32
3.15
8.86
17
0.696
-174.29
1.371
48.36
0.088
26.51
0.507
-70.47
1.38
2.74
8.26
18
0.690
-179.19
1.308
44.18
0.090
26.72
0.504
-73.67
1.44
2.33
7.69


Similar Part No. - AFP02N8-000

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AFP02N8-212 ALPHA-AFP02N8-212 Datasheet
30Kb / 4P
   General Purpose Packaged PHEMT Chips
AFP02N8-213 ALPHA-AFP02N8-213 Datasheet
30Kb / 4P
   General Purpose Packaged PHEMT Chips
More results

Similar Description - AFP02N8-000

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FPD7612 FILTRONIC-FPD7612 Datasheet
190Kb / 2P
   GENERAL PURPOSE PHEMT
FPD200 FILTRONIC-FPD200 Datasheet
185Kb / 2P
   GENERAL PURPOSE PHEMT
FPD7612 FILTRONIC-FPD7612_1 Datasheet
176Kb / 4P
   GENERAL PURPOSE PHEMT
FPD200 FILTRONIC-FPD200_1 Datasheet
199Kb / 4P
   GENERAL PURPOSE PHEMT DIE
logo
Alpha Industries
AFP02N8-212 ALPHA-AFP02N8-212 Datasheet
30Kb / 4P
   General Purpose Packaged PHEMT Chips
logo
YAGEO Corporation
RC0402 YAGEO-RC0402 Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402FR-072K4L YAGEO-RC0402FR-072K4L Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402FR-07470RL YAGEO-RC0402FR-07470RL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402FR-13100KL YAGEO-RC0402FR-13100KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
RC0402FR-07470KL YAGEO-RC0402FR-07470KL Datasheet
309Kb / 9P
   GENERAL PURPOSE CHIP RESISTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com