Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CK2451 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CK2451
Description  GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CK2451 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CK2451 Datasheet HTML 1Page - List of Unclassifed Manufacturers CK2451 Datasheet HTML 2Page - List of Unclassifed Manufacturers CK2451 Datasheet HTML 3Page - List of Unclassifed Manufacturers CK2451 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Lorlin Electronics Ltd, Harwood Industrial Estate, Harwood rd, Littlehampton, W. Sussex BN17 7AT England
Tel (+44) 01903 725121 Fax (+44) 01903 726808 E-mail sales@lorlin.co.uk | www.lorlin.co.uk
2
ORDERING CODE FOR NON-STANDARD SWITCHES
C
K
Index Angles &
NO. OF POLES
NO OF WAYS
(POSITIONS)
MBB
or
BBM
Contact
Type
Contact
Plating
SPINDLE
DIAM.
SPINDLE
FLAT
DEPTH
BUSH
DIAM.
LENGTH OF
SPINDLE FLAT
ANGLE OF FLAT
(º)
A 30º 1Pole
A
2
A
BBM Solder
A
6mm
Nil
M10
A
2
N 15
A
0
N 195
B
2
B
3
B
MBB Solder
B
6mm
5mm
M10
B
3
O
No
Flat
B
15
O
C
3
C
4
C
BBM
PCB
C 6.35mm
Nil
9.52
mm
C
4
P 16
C 30 P 210
D
4
D
5
D
MBB
PCB
D 6.35mm
5.5mm
9.52
mm
D
5
Q 17
D 45 Q 225
E 60º 1Pole
E
6
E
BBM Solder
E
6
R 18
E
60
R 240
F
2
F
7
F
MBB Solder
F
7
S 19
F
75
S 255
G
3
G
8
G
BBM
PCB
G
8
T
20
G 90 T 270
H
4
H
9
H
MBB
PCB
H
9
U 21
H 105 U 285
I
90º 1Pole
I
10
I
BBM Solder
I
10 V 22
I
120
V 300
J
2
J
11
J
MBB Solder
J
11 W 23
J 135 W 315
K
3
K
12
K
BBM
PCB
K 12 X 24
K 150 X 330
Z No Stop
L
MBB
PCB
L 13 Y 25
L 165 Y 345
M 14 Z Full
M 180
PLEASE COMPLETE THE SPECIFICATION DRAWING IF YOUR REQUIREMENTS CANNOT BE FULLFILLED BY USING THE ORDERING CODE
SPINDLE LENGTH
FMF IN FULL MM
IMPORTANT
WAFERS FLATS & SLOTS
VIEWED FROM THE FRONT OF SWITCH IN
EXTREME ANTICLOCKWISE POSITION
(POSITION 1)
CK ROTARY SWITCH


Similar Part No. - CK2451

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CK2451 ETC1-CK2451 Datasheet
922Kb / 4P
   CK ROTARY SWITCH
More results

Similar Description - CK2451

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CK1030 ETC2-CK1030 Datasheet
328Kb / 4P
   GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
CK1026 ETC2-CK1026 Datasheet
328Kb / 4P
   GENERAL ELECTRICAL & MECHANICAL SPECIFICATION
logo
Lorlin Electronics Ltd.
GCK LORLIN-GCK Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
GCK1024 LORLIN-GCK1024 Datasheet
707Kb / 2P
   ELECTRICAL & MECHANICAL SPECIFICATION
logo
Intel Corporation
NHPXA270C5C312 INTEL-NHPXA270C5C312 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0C200 INTEL-LUPXA255A0C200 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
GDPXA255A0E400 INTEL-GDPXA255A0E400 Datasheet
1Mb / 40P
   Electrical, Mechanical, and Thermal Specification
PXA270 INTEL-PXA270 Datasheet
1Mb / 126P
   Electrical, Mechanical, and Thermal Specification
LUPXA255A0E400 INTEL-LUPXA255A0E400 Datasheet
1Mb / 40P
   Intel짰 PXA255 Processor Electrical, Mechanical, and Thermal Specification
logo
List of Unclassifed Man...
SRL-5-D-S-2 ETC2-SRL-5-D-S-2 Datasheet
173Kb / 2P
   MECHANICAL SPECIFICATION
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com