Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D10CRCW0402 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # D10CRCW0402
Description  Thick Film, Rectangular Chip Resistors
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

D10CRCW0402 Datasheet(HTML) 6 Page - Vishay Siliconix

  D10CRCW0402 Datasheet HTML 1Page - Vishay Siliconix D10CRCW0402 Datasheet HTML 2Page - Vishay Siliconix D10CRCW0402 Datasheet HTML 3Page - Vishay Siliconix D10CRCW0402 Datasheet HTML 4Page - Vishay Siliconix D10CRCW0402 Datasheet HTML 5Page - Vishay Siliconix D10CRCW0402 Datasheet HTML 6Page - Vishay Siliconix D10CRCW0402 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 20008
For technical questions in Europe, contact: ff1aresistors@vishay.com
www.vishay.com
Revision: 25-Mar-07
For technical questions in Americas/Asia, contact: ff2bresistors@vishay.com
119
D...-CRCW
Thick Film, Rectangular Chip Resistors
Vishay
Note
1. Limits for change of resistance at test acc. to CECC
1000
100
10
1
0.1
0.01
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
2512
1218
2010
1206
0805
0603
0402
Secondary Conditions:
a) P
≤ P (peak pulse, single pulse)
b)
υu < 70°
c) û see diagram (max. pulse voltage)
Square Pulse in t j s
Pulse Rating P
→ 0
100
10
1
0.10
0.01
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
Secondary Conditions:
a) P
≤ P (permissible constant power
at + 70
° C)
b)
υu < 70°
c) û see diagram (max. pulse voltage)
Square Pulse in t j s
Pulse Rating P
≤ P70
1218
1218
1206
0805
0603
0402
0
1200
800
500
100
10
-6
10
-5
10
-4
10
-3
10
-2
10
-1
1
10
Square Pulse in t j s
Maximum Pulse Voltage
2512
1206/1218
2010
0805
Secondary Conditions:
a) P see diagrams (Pulse Rating)
b)
υu < 70°
0603
0402
1400
1300
1100
1000
900
700
600
400
300
200
PERFORMANCE
TEST
CONDITIONS OF TEST
REQUIREMENTS IN %1)
0402
0603
0805
1206
1210
1218
2010
2512
Endurance Test at 70 °C
IEC 60115-1 4.25.1; EIA-575
1000 hours at 70 °C, 1.5 hours "ON", 0.5 hours "OFF"
≤ ± 1.0
≤ ± 0.5
≤ ± 1.0
Endurance at UCT
IEC 60115-1 4.25.3
1000 hours at 125 °C without load
≤ ± 1.0
≤ ± 0.5
≤ ± 1.0
Overload Test
IEC 60115-1 4.13; EIA-575
Short time overload, 2.5 x rated voltage or 2 x limiting
element voltage.
≤ ± 0.25
≤ ± 0.25
≤ ± 0.5
Thermal Shock
IEC 60115-1 4.19; IEC 60068-2-14;
EIA-575
Rapid change between upper and lower category
temperature
≤ ± 0.25
≤ ± 0.25
≤ ± 0.5
Damp Heat Steady State
IEC 60115-1 4.24; IEC 60068-2-3
56 days at 40 °C and 93 % relative humidity
≤ ± 1.0
≤ ± 0.5
≤ ± 1.0
Resistance to Soldering Heat
IEC 60115-1 4.18; IEC 60068-2-20;
EIA-575
10 seconds at 260 °C solder bath temperature
≤ ± 0.25
≤ ± 0.25
≤ ± 0.5
APPLICABLE SPECIFICATIONS
CECC40000/40400/40401-004,-006,-007,-802
• EN140400/IEC 60115-1
• EIA-575


Similar Part No. - D10CRCW0402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
D10CRCW0402 VISHAY-D10CRCW0402 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
D10CRCW0402 VISHAY-D10CRCW0402 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
D10CRCW0402 VISHAY-D10CRCW0402 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
D10CRCW0402 VISHAY-D10CRCW0402 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
D10CRCW0402 VISHAY-D10CRCW0402 Datasheet
109Kb / 8P
   Standard Thick Film Chip Resistors
Revision: 04-Jun-12
More results

Similar Description - D10CRCW0402

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DCRCW VISHAY-DCRCW Datasheet
136Kb / 6P
   Thick Film, Rectangular Chip Resistors
Revision 28-Apr-03
CRCW080582K5FKEA VISHAY-CRCW080582K5FKEA Datasheet
145Kb / 7P
   Thick Film, Rectangular Chip Resistors
Revision: 25-Mar-07
logo
Rohm
MCR03 ROHM-MCR03_1 Datasheet
85Kb / 6P
   Thick film rectangular resistors
MCR03 ROHM-MCR03 Datasheet
59Kb / 5P
   Thick film rectangular resistors
logo
Vishay Siliconix
RCA VISHAY-RCA_V01 Datasheet
106Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
01-Jan-2022
RCA VISHAY-RCA Datasheet
99Kb / 5P
   Automotive Grade Thick Film, Rectangular Chip Resistors
Revision: 14-Feb-08
CRCW0402 VISHAY-CRCW0402 Datasheet
120Kb / 2P
   Thick Film, Rectangular, Precision Resistors
Revision 18-Oct-02
CRCW040218K0FKED VISHAY-CRCW040218K0FKED Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
CRCW060386K6FKEA VISHAY-CRCW060386K6FKEA Datasheet
130Kb / 8P
   Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
Revision: 18-Nov-10
CRCW2010100KFKEF VISHAY-CRCW2010100KFKEF Datasheet
151Kb / 8P
   Lead (Pb)-free Thick Film, Rectangular Chip Resistors
Revision: 04-Jul-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com