Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AOWF11C60 Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOWF11C60
Description  Plastic Encapsulated Device
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOWF11C60 Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOWF11C60 Datasheet HTML 1Page - Alpha & Omega Semiconductors AOWF11C60 Datasheet HTML 2Page - Alpha & Omega Semiconductors AOWF11C60 Datasheet HTML 3Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
3
III. Reliability Stress Test Summary and Results
*Note: The reliability data presents total of available generic data up to the published date.
IV. Reliability Evaluation
FIT rate (per billion): 3.05
MTTF = 37419 years
The presentation of FIT rate for the individual product reliability is restricted by the actual burn-in
sample size. Failure Rate Determination is based on JEDEC Standard JESD 85. FIT means one
failure per billion hours.
Failure Rate = Chi
2 x 109 / [2 (N) (H) (Af)] = 3.05
MTTF = 10
9 / FIT = 37419 years
Chi²= Chi Squared Distribution, determined by the number of failures and confidence interval
N = Total Number of units from burn-in tests
H = Duration of burn-in testing
Af = Acceleration Factor from Test to Use Conditions (Ea = 0.7eV and Tuse = 55°C)
Acceleration Factor [Af] = Exp [Ea / k (1/Tj u – 1/Tj s)]
Acceleration Factor ratio list:
55 deg C
70 deg C
85 deg C
100 deg C
115 deg C
130 deg C
150 deg C
Af
259
87
32
13
5.64
2.59
1
Tj s = Stressed junction temperature in degree (Kelvin), K = C+273.16
Tj u =The use junction temperature in degree (Kelvin), K = C+273.16
k = Boltzmann’s constant, 8.617164 X 10
-5eV / K
Test Item
Test Condition
Time
Point
Total
Sample
Size*
Number
of
Failures
Reference
Standard
MSL
Precondition
168hr 85°C / 85%RH +
3 cycle reflow@260°C
(MSL 1)
-
4389 pcs
0
JESD22-A113
HTGB
Temp = 150°C ,
Vgs=100% of Vgsmax
168 / 500 /
1000 hours
924 pcs
0
JESD22-A108
HTRB
Temp = 150°C ,
Vds=80% of Vdsmax
168 / 500 /
1000 hours
924 pcs
0
JESD22-A108
HAST
130°C , 85%RH,
33.3 psi,
Vds = 80% of Vdsmax
up to 42V
96 hours
924 pcs
0
JESD22-A110
H3TRB
85°C , 85%RH,
Vds = 80% of Vdsmax
up to 100V
1000 hours
693 pcs
0
JESD22-A101
Autoclave
121°C , 29.7psi,
RH=100%
96 hours
924 pcs
0
JESD22-A102
Temperature
Cycle
-65°C to 150°C ,
air to air,
250 / 500
cycles
924 pcs
0
JESD22-A104
Power
Cycling
Tj = 100°C
8572
cycles
924 pcs
0
AEC Q101


Similar Part No. - AOWF11C60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOWF11N60 AOSMD-AOWF11N60 Datasheet
92Kb / 1P
   TO362F PACKAGE MARKING DESCRIPTION
AOWF11N60L AOSMD-AOWF11N60L Datasheet
92Kb / 1P
   TO362F PACKAGE MARKING DESCRIPTION
AOWF11N70 AOSMD-AOWF11N70 Datasheet
305Kb / 5P
   700V,11A N-Channel MOSFET
AOWF11S60 AOSMD-AOWF11S60 Datasheet
282Kb / 6P
   600V 11A a MOS TM Power Transistor
AOWF11S65 AOSMD-AOWF11S65 Datasheet
265Kb / 6P
   650V 11A a MOS TM Power Transistor
More results

Similar Description - AOWF11C60

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOTF260L AOSMD-AOTF260L Datasheet
39Kb / 3P
   Plastic Encapsulated Device
AON1610 AOSMD-AON1610 Datasheet
60Kb / 3P
   Plastic Encapsulated Device
AOZ8001KIL AOSMD-AOZ8001KIL Datasheet
34Kb / 4P
   Plastic Encapsulated Device
AOP605 AOSMD-AOP605_06 Datasheet
107Kb / 5P
   Plastic Encapsulated Device
AOD456A AOSMD-AOD456A Datasheet
108Kb / 5P
   Plastic Encapsulated Device
AOZ3013PI AOSMD-AOZ3013PI Datasheet
88Kb / 5P
   Plastic Encapsulated Device
AOB2500L AOSMD-AOB2500L Datasheet
79Kb / 3P
   Plastic Encapsulated Device
AOW20C60 AOSMD-AOW20C60 Datasheet
83Kb / 3P
   Plastic Encapsulated Device
AOTF10T60 AOSMD-AOTF10T60 Datasheet
79Kb / 3P
   Plastic Encapsulated Device
AOTF7N60FD AOSMD-AOTF7N60FD Datasheet
80Kb / 3P
   Plastic Encapsulated Device
AON6554 AOSMD-AON6554 Datasheet
93Kb / 3P
   Plastic Encapsulated Device
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com