Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3ATH9 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 3ATH9
Description  Through-hole or SMD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

3ATH9 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  3ATH9 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3ATH9 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3ATH9 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3ATH9 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3ATH9 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Ordering example: AQB0109+AQC09-27.2+AQN-2.5+3FTL6
Specifications switches:
- through-hole or SMD
- 50mA/24VDC
- single pole/momentary
- 10.000.000 operations life time
- IP67 sealing
- temperature range:
low temp: -40/+115
°C
high temp: -40/+160
°C
aquamec
A
P
CAP
H
BUSHING
10.0
1.0
AQCXX-24.2
24.2
AQN-0.5
10.0
2.0
AQCXX-25.2
25.2
AQN-0.5
10.0
3.0
AQCXX-26.2
26.2
AQN-2.5
10.0
4.0
AQCXX-27.2
27.2
AQN-2.5
Cap is available in black (09) or transparent (11).
Dimension H is the overall height of the switch+cap.
Bushing AQN-0.5 accepts panel thickness (P) 0.5-2.5 mm.
Bushing AQN-2.5 accepts panel thickness (P) 2.5-4.0 mm.
Panel cut out ø 12.0 0.2
Specifications Sealing Boot:
- Operating temperature: -40
°/+85°
- sealing: IP67
- sealing life time: 2.000.000 operations
- material: silicone
3F+AQ
HOW TO ORDER
Switch
Bushing
Mounting
T through-hole
S surface mount
L6 low temp.
H9 high temp.
3F
+
+
+
LED
00
blue
20
green
40
yellow
80
red
2040
green/yellow
8020
red/green
8040
red/yellow
+
AQB01
AQN
Switch Mounting
T through-hole
L6 low temp.
H9 high temp.
3F
Panel:
0.5 0.5-2.5 mm
2.5 2.5-4.0 mm
Cap:
transparent 1 1
Overall
height
24.2
25.2
26.2
27.2
Sealing Boot,
incl. sealing ring
Black
0 9
Transparent 1 1
AQC
AQC
Bushing
AQB01
AQN
Panel:
0.5 0.5-2.5 mm
2.5 2.5-4.0 mm
Overall
height
24.2
25.2
26.2
27.2
Sealing Boot,
incl. sealing ring
Transparent 1 1
Cap:
transparent 1 1
H= A+P+13.2
This leaves nominel 0.3 mm clearance between the top of the cap and the inner
side of the sealing boot to accomplish assembly tolerances. A can be chosen
between 10 -13 mm, we recommend 10 mm to reduce building height and optimize
cap guidance.
-
-
-
-
+
-
.
.
+
mec· Industriparken 23 · P.o. Box 26 · DK-2750 Ballerup · Denmark
Tel.: +45 44 97 33 66 · Fax: +45 44 68 15 14 · E-mail: danmec@mec.dk · www.mec.dk
.
.


Similar Part No. - 3ATH9

ManufacturerPart #DatasheetDescription
logo
Bivar, Inc.
3AT-F BIVAR-3AT-F Datasheet
433Kb / 5P
   3mm (T1) Package Discrete LED AMBER
Revision C 06/15
3AT-S BIVAR-3AT-S Datasheet
433Kb / 5P
   3mm (T1) Package Discrete LED AMBER
Revision C 06/15
More results

Similar Description - 3ATH9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
5GTH920011TS16 ETC2-5GTH920011TS16 Datasheet
1Mb / 3P
   through-hole or SMD
3FTL600 ETC2-3FTL600 Datasheet
301Kb / 6P
   through-hole or SMD
1T09 ETC2-1T09 Datasheet
126Kb / 7P
   through-hole or SMD
3FTL6 ETC1-3FTL6 Datasheet
33Kb / 1P
   through-hole or SMD / 50mA/24VDC / single pole/momentary
logo
Delta Electronics, Inc.
V48SH DELTA-V48SH Datasheet
798Kb / 14P
   SMD and through-hole versions
S48SP DELTA-S48SP Datasheet
448Kb / 14P
   SMD and Through-hole versions
V48SR1R825 DELTA-V48SR1R825 Datasheet
832Kb / 14P
   SMD and through-hole versions
logo
Bourns Electronic Solut...
7914 BOURNS-7914_10 Datasheet
393Kb / 2P
   SMD & Through-hole Sealed Key Switch
logo
Visual Communications C...
LFB012CTP VCC-LFB012CTP Datasheet
143Kb / 2P
   for use with surface-mount or through-hole LEDs
LFC012CTP VCC-LFC012CTP Datasheet
118Kb / 2P
   for use with surface-mount or through-hole LEDs
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com