Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AP7000-2 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AP7000-2
Description  ATMEL Norway AS Vestre Roster 79 N-7075 TUKKER Norway
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AP7000-2 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AP7000-2 Datasheet HTML 5Page - ATMEL Corporation AP7000-2 Datasheet HTML 6Page - ATMEL Corporation AP7000-2 Datasheet HTML 7Page - ATMEL Corporation AP7000-2 Datasheet HTML 8Page - ATMEL Corporation AP7000-2 Datasheet HTML 9Page - ATMEL Corporation AP7000-2 Datasheet HTML 10Page - ATMEL Corporation AP7000-2 Datasheet HTML 11Page - ATMEL Corporation AP7000-2 Datasheet HTML 12Page - ATMEL Corporation AP7000-2 Datasheet HTML 13Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
5
5
4
4
3
3
2
2
1
1
D
D
C
C
B
B
A
A
VCC_3V3
VCC_3V3
VCC_3V3
VCC_1V8
VCC_3V3
RESET_MCU_N
2,11
PB28/EXTINT3
1
PB29
1
TWI_SDA
TWI_SCL
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
<Title>
A3
9
13
Tuesday, November 07, 2006
PC1
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
<Title>
A3
9
13
Tuesday, November 07, 2006
PC1
Title
Size
Document Number
Rev
Date:
Sheet
of
ATMEL Norway AS
Vestre Rosten 79
N-7075 TILLER
Norway
<Doc>
<Title>
A3
9
13
Tuesday, November 07, 2006
PC1
BOARD CONTROL
ISP
Spare
R24
10k
R24
10k
J1
PIN HEADER 2x3
J1
PIN HEADER 2x3
1
2
3
4
5
6
R27
0R
R27
0R
R23
27k
R23
27k
R32
1.5k
R32
1.5k
R26
10k
R26
10k
R25
10k
R25
10k
R104
0R
R104
0R
R28
0R
R28
0R
U2
ATtiny24-20SSU
U2
ATtiny24-20SSU
PB0
2
PB1
3
PB3
4
PB2
5
PA7
6
PA6
7
GND
14
VCC
1
PA0
13
PA1
12
PA2
11
PA3
10
PA4
9
PA5
8
R29
10k
R29
10k
J2
PIN HEADER 2x3
J2
PIN HEADER 2x3
1
2
3
4
5
6
C29
100n
C29
100n
R31
1.5k
R31
1.5k
R106
0R
R106
0R
R30
10k
R30
10k


Similar Part No. - AP7000-2

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
AP700C ASI-AP700C Datasheet
16Kb / 1P
   SILICON PIN DIODE
AP700D ASI-AP700D Datasheet
13Kb / 1P
   SILICON PIN DIODE
More results

Similar Description - AP7000-2

ManufacturerPart #DatasheetDescription
logo
Protek Devices
GBLCSC08CLC PROTEC-GBLCSC08CLC_15 Datasheet
466Kb / 6P
   SC-79 PACKAGE
logo
ATMEL Corporation
AT88SC0104CA ATMEL-AT88SC0104CA_14 Datasheet
440Kb / 24P
   Atmel CryptoMemory
AT88SC0204CA ATMEL-AT88SC0204CA_14 Datasheet
457Kb / 24P
   Atmel CryptoMemory
ATECC108 ATMEL-ATECC108_14 Datasheet
344Kb / 11P
   Atmel CryptoAuthentication
AT88SC0808CA ATMEL-AT88SC0808CA_14 Datasheet
442Kb / 24P
   Atmel CryptoMemory
ATSHA204A ATMEL-ATSHA204A_14 Datasheet
1Mb / 82P
   Atmel CryptoAuthentication
AT88SC0808CA ATMEL-AT88SC0808CA_11 Datasheet
304Kb / 23P
   Atmel CryptoMemory
ATSHA204 ATMEL-ATSHA204 Datasheet
1Mb / 65P
   Atmel CryptoAuthentication
AT88SC0404CA ATMEL-AT88SC0404CA_14 Datasheet
444Kb / 24P
   Atmel CryptoMemory
ATWILC1000-SD ATMEL-ATWILC1000-SD Datasheet
2Mb / 11P
   Atmel SmartConnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com