Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACNW3190-500E Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # ACNW3190-500E
Description  5.0 Amp High Output Current IGBT Gate Drive Optocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ACNW3190-500E Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button ACNW3190-500E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ACNW3190-500E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ACNW3190-500E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ACNW3190-500E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ACNW3190-500E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ACNW3190-500E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED ACNW3190-500E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED ACNW3190-500E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED ACNW3190-500E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image

Table 5. Electrical Specifications (DC)
Unless otherwise noted, all typical values are at TA = 25°C, VCC - VEE = 30 V, VEE = Ground; all Minimum/Maximum speci-
fications are at Recommended Operating Conditions (TA = -40 to 100°C, IF(ON) = 10 to 16 mA, VF(OFF) = -3.6 to 0.8 V, VCC
= 15 to 30 V, VEE = Ground)
Parameter
Symbol Min.
Typ.
Max.
Units Test Conditions
Fig.
Note
High Level Output Current
IOH
1.0
2.75
A
VO = VCC - 4
2, 3, 17 5
4.0
A
VO = VCC – 15
2
Low Level Output Current
IOL
1.0
3.5
A
VO = VEE + 2.5
5, 6, 18 5
4.0
A
VO = VEE + 15
2
High Level Output Voltage
VOH
VCC-4
VCC-3
V
IO = -100 mA
1, 3, 19 6, 7
Low Level Output Voltage
VOL
0.1
0.5
V
IO = 100 mA
4, 6, 20
High Level Supply Current
ICCH
3.0
5.0
mA
Output open, IF = 7 to 16 mA
7, 8
Low Level Supply Current
ICCL
3.0
5.0
mA
Output open, VF = -3.0 to +0.8 V
Threshold Input Current
Low to High
IFLH
3.5
8.0
mA
IO = 0 mA, VO > 5 V
9, 15, 21
Threshold Input Voltage
High to Low
VFHL
0.8
V
Input Forward Voltage
VF
1.2
1.6
1.95
V
IF = 10 mA
16
Temperature Coefficient
of Input Forward Voltage
ΔVF/ΔTA
-1.3
mV/°C
Input Reverse
Breakdown Voltage
BVR
5
V
IR = 100 µA
Input Capacitance
CIN
75
pF
f = 1 MHz, VF = 0 V
UVLO Threshold
VUVLO+ 11.0
12.3
13.5
V
VO > 5 V, IF = 10 mA
22, 28
VUVLO- 9.5
10.7
12.0
UVLO Hysteresis
UVLOHYS
1.6
Table 6.
Switching Specifications (AC)
Unless otherwise noted, all typical values are at TA = 25°C, VCC - VEE = 30 V, VEE = Ground; all Minimum/Maximum speci-
fications are at Recommended Operating Conditions (TA = -40 to 100°C, IF(ON) = 10 to 16 mA, VF(OFF) = -3.6 to 0.8 V,
VCC = 15 to 30 V, VEE = Ground).
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time
to High Output Level
tPLH
0.10
0.30
0.50
µs
Rg = 10 Ω,
Cg = 10 nF,
f = 10 kHz ,
Duty Cycle = 50%,
IF = 10 mA,
VCC = 30 V
10, 11, 12,
13, 14, 23
14
Propagation Delay Time
to Low Output Level
tPHL
0.10
0.30
0.50
µs
Pulse Width Distortion
PWD
0.30
µs
15
Propagation Delay Difference
Between Any Two Parts
PDD
(tPHL - tPLH)
0.35
µs
35, 36
10
Rise Time
tr
0.1
µs
23
Fall Time
tf
0.1
µs
UVLO to Turn On Delay
tUVLO,ON
0.8
µs
VO > 5 V, IF = 10 mA
22
UVLO to Turn Off Delay
tUVLO,OFF
0.6
µs
VO < 5 V, IF = 10 mA
Output High Level Common
Mode Transient Immunity
|CMH|
15
30
kV/µs
TA = 25°C, IF = 10 to 16 mA,
VCM = 1500 V, VCC = 30 V
24
11, 12
Output Low Level Common
Mode Transient Immunity
|CML|
15
30
kV/µs
TA = 25°C, VF = 0 V,
VCM = 1500 V, VCC = 30 V
11, 13


Similar Part No. - ACNW3190-500E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ACNW3130 AVAGO-ACNW3130 Datasheet
552Kb / 20P
   Very High CMR 2.5 Amp Output Current IGBT Gate Driver Optocoupler
More results

Similar Description - ACNW3190-500E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-314J HP-HCPL-314J Datasheet
420Kb / 16P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314 HP-HCPL-J314 Datasheet
418Kb / 17P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-5150 HP-HCPL-5150 Datasheet
193Kb / 16P
   0.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-3120-560E AVAGO-HCPL-3120-560E Datasheet
507Kb / 24P
   2.5 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-J314-300E AVAGO-HCPL-J314-300E Datasheet
324Kb / 16P
   0.6 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J AVAGO-HCPL-314J_11 Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
HCPL-314J-500E AVAGO-HCPL-314J-500E Datasheet
212Kb / 14P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-T250 HP-HCPL-T250 Datasheet
364Kb / 7P
   1.5 Amp Output Current IGBT Gate Drive Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-314J AVAGO-HCPL-314J Datasheet
287Kb / 15P
   0.4 Amp Output Current IGBT Gate Drive Optocoupler
logo
Agilent(Hewlett-Packard...
HCPL-5120 HP-HCPL-5120 Datasheet
194Kb / 16P
   2.0 Amp Output Current IGBT Gate Drive Optocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com