Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-UWB1-NX3G2 Datasheet(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-UWB1-NX3G2
Description  OneWhite Surface Mount PLCC-2 LED Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-UWB1-NX3G2 Datasheet(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-UWB1-NX3G2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3G2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3G2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3G2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3G2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3G2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3G2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3G2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
Figure 8. Recommended Soldering Pad Pattern
Figure 7. Recommended Pick and Place Nozzle Size
END
THERE SHALL BE A
MINIMUM OF 160 mm
OF EMPTY COMPONENT
POCKETS SEALED WITH
COVER TAPE.
MOUNTED
WITH
COMPONENTS
THERE SHALL BE A
MINIMUM OF 400 mm
OF EMPTY COMPONENT
POCKETS SEALED WITH
COVER TAPE.
START
USER FEED
DIRECTION
Figure 9. Tape Leader and Trailer Dimensions
Figure 10. Tape Dimensions (Unit: mm)
3.85 ±0.1
2.15 ±0.1
3.10 ±0.1
4.00 ±0.1
4.00 ±0.1
2.00 ±0.05
3.5 ±0.1
8.00 ±0.1
1.55 ±0.05
1.75 ±0.1
Cathode Marking
2.60
4.50
1.50
SOLDER RESIST
OD
ID = 1.7 mm
OD = 3.5 mm
ID


Similar Part No. - ASMT-UWB1-NX3G2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-UWB1-NX3G2 BOARDCOM-ASMT-UWB1-NX3G2 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
ASMT-UWB1-NX3G2 BOARDCOM-ASMT-UWB1-NX3G2 Datasheet
726Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
More results

Similar Description - ASMT-UWB1-NX3G2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NXXXX BOARDCOM-ASMT-UWB1-NXXXX Datasheet
726Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-A100-J00J1 AVAGO-HSMS-A100-J00J1 Datasheet
356Kb / 13P
   PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com