Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-UWB1-NX3D2 Datasheet(PDF) 3 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-UWB1-NX3D2
Description  OneWhite Surface Mount PLCC-2 LED Indicator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-UWB1-NX3D2 Datasheet(HTML) 3 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-UWB1-NX3D2 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3D2 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3D2 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3D2 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3D2 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3D2 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3D2 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED ASMT-UWB1-NX3D2 Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Absolute Maximum Ratings (TA = 25° C)
Parameters
Rating
DC Forward Current (1)
30 mA
Peak Forward Current (2)
100 mA
Power Dissipation
108 mW
Junction Temperature
110° C
Operating Temperature
-40° C to +85° C
Storage Temperature
-40° C to +100° C
Notes:
1. Derate linearly as shown in derating curve.
2. Duty Factor = 10%, Frequency = 1 kHz
Optical Characteristics (TA = 25° C)
Color
Part Number
Dice
Technology
Typ. Chromaticity
Coordinates (1)
Viewing
Angle 2
½(2)
(Degrees)
Luminous
Efficiency
e (lm/W)
Total Flux /
Luminous
Intensity
V (lm) / IV (cd)
CRI
x
y
Typ.
Typ.
Typ.
Min.
White
ASMT-UWB1-NX302
InGaN
0.33
0.34
120
100
2.8
70
Notes:
1. The chromaticity coordinates are derived from the CIE 1931Chromaticity diagram and represents the perceived color of the device.
2.
½ is the off-axis angle where the luminous intensity is ½ the peak intensity.
Electrical Characteristics (TA = 25° C)
Color
Part Number
Forward Voltage
VF (Volts) @ IF = 20 mA
Reverse
Voltage VR (1)
@ 10
A
Thermal
Resistance
R
J-P (°C/W)
Min.
Max.
Min.
White
ASMT-UWB1-NX302
2.8
3.6
5
150
Note:
1. Reverse Voltage indicates product final test condition. Long term reverse bias is not recommended.
Part Numbering System
Packaging Option
Color Bin Selection
Intensity Bin Selection
LED Chip Color
ASMT – U X1 B1 – N X2 X3 X4 X5


Similar Part No. - ASMT-UWB1-NX3D2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-UWB1-NX3D2 BOARDCOM-ASMT-UWB1-NX3D2 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
ASMT-UWB1-NX3D2 BOARDCOM-ASMT-UWB1-NX3D2 Datasheet
726Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
More results

Similar Description - ASMT-UWB1-NX3D2

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-UWB1-NX302 BOARDCOM-ASMT-UWB1-NX302 Datasheet
780Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-UWB2-NX302 AVAGO-ASMT-UWB2-NX302 Datasheet
352Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
ASMT-UWB1-ZX302 AVAGO-ASMT-UWB1-ZX302 Datasheet
477Kb / 9P
   OneWhite Surface Mount PLCC-2 LED Indicator
logo
Broadcom Corporation.
ASMT-UWB1-NXXXX BOARDCOM-ASMT-UWB1-NXXXX Datasheet
726Kb / 12P
   OneWhite Surface-Mount PLCC-2 LED Indicator
June 5, 2020
logo
AVAGO TECHNOLOGIES LIMI...
HSMC-A100-P70J1 AVAGO-HSMC-A100-P70J1 Datasheet
301Kb / 13P
   PLCC-2, Surface Mount LED Indicator
logo
Broadcom Corporation.
HSMS-A100-J00J1 BOARDCOM-HSMS-A100-J00J1 Datasheet
788Kb / 17P
   PLCC-2, Surface Mount LED Indicator
HSMX-A10X-XXXXX BOARDCOM-HSMX-A10X-XXXXX Datasheet
768Kb / 17P
   PLCC-2, Surface Mount LED Indicator
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-A100-J00J1 AVAGO-HSMS-A100-J00J1 Datasheet
356Kb / 13P
   PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
HSMW-A10X-XXXXX AVAGO-HSMW-A10X-XXXXX Datasheet
240Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
HSMW-A100-U40H1 AVAGO-HSMW-A100-U40H1 Datasheet
246Kb / 8P
   White Surface Mount LED Indicator SMT PLCC-2
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com