Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8897X Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY8897X
Description  2.7 Watt Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8897X Datasheet(HTML) 1 Page - Lyontek Inc.

  LY8897X Datasheet HTML 1Page - Lyontek Inc. LY8897X Datasheet HTML 2Page - Lyontek Inc. LY8897X Datasheet HTML 3Page - Lyontek Inc. LY8897X Datasheet HTML 4Page - Lyontek Inc. LY8897X Datasheet HTML 5Page - Lyontek Inc. LY8897X Datasheet HTML 6Page - Lyontek Inc. LY8897X Datasheet HTML 7Page - Lyontek Inc. LY8897X Datasheet HTML 8Page - Lyontek Inc. LY8897X Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
LY8897
Rev. 1.1
2.7 Watt Audio Power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
2.7W Into 4Ω from 5.0V power supply at
THD+N = 10% (Typ.).
1.7W Into 8Ω from 5.0V power supply at
THD+N = 10% (Typ.)
2.0V~5.5V Power supply.
Low shutdown current.(TYP.=0.05uA)
Low quiescent current.(TYP.=3.0mA)
Thermal shutdown protection with auto recovery
feature.
Advanced power ON/OFF pop reduction.
Lead free and green package available.
(RoHS Compliant)
Space Saving Package
-- 8-pin EMSOP package. (with thermal pad)
-- 8-pin MSOP package. (without thermal pad)
APPLICATION
Boom Box.
Education, Toy.
MID,
Portable electronic devices.
Mobile Phones.
GENERAL DESCRIPTION
The LY8897 is a 2.7W audio power amplifier. It is
capable of driving 4Ω speaker load at a continuous
average output of 2.7W with less than 10%
distortion (THD+N) from a 5.0V power supply and
8Ω speaker load at a continuous average output of
1.7W with less than 10% distortion (THD+N) from a
5.0V power supply.
The LY8897 primarily designed for high quality
application in other portable communication device.
And the LY8897 audio amplifier features low power
consumption shutdown mode. It is achieved by
driving the shutdown pin with logic low.
And the LY8897 has an internal thermal shutdown
protection feature.
The
LY8897
audio
amplifier
was
designed
specifically to provide high quality output power with
a minimal amount of external components. The
LY8897 does not require output capacitors, and the
LY8897 is ideally suited for other low voltage
applications or portable electronic devices where
minimal
power
consumption
is
a
primary
requirement.
PIN CONFIGURATION
Power ON POP Noise
Power OFF POP Noise


Similar Part No. - LY8897X

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_17 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
More results

Similar Description - LY8897X

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8897 LYONTEK-LY8897_17 Datasheet
1Mb / 17P
   2.7 Watt Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2203 AITSEMI-A2203 Datasheet
833Kb / 12P
   AUDIO AMPLIFIER 1.7 WATT AUDIO POWER AMPLIFIER
REV2.2
A2212 AITSEMI-A2212 Datasheet
541Kb / 10P
   AUDIO AMPLIFIER 1. 2 WATT AUDIO POWER AMPLIFIER
REV1.0
logo
Qorvo, Inc
TQP9111 QORVO-TQP9111 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
TriQuint Semiconductor
TQP9111 TRIQUINT-TQP9111 Datasheet
895Kb / 12P
   1.8 ??2.7 GHz 2 Watt Power Amplifier
logo
Eutech Microelectronics...
EUA4890 EUTECH-EUA4890 Datasheet
406Kb / 14P
   1 Watt Audio Power Amplifier
logo
Lyontek Inc.
LY8890 LYONTEK-LY8890 Datasheet
1Mb / 17P
   1.0 Watt Audio power Amplifier
logo
Texas Instruments
LM4879 TI1-LM4879_14 Datasheet
1Mb / 28P
[Old version datasheet]   1.1 Watt Audio Power Amplifier
logo
List of Unclassifed Man...
HWD2190 ETC1-HWD2190 Datasheet
1Mb / 32P
   1 Watt Audio Power Amplifier
logo
National Semiconductor ...
LM2002 NSC-LM2002 Datasheet
131Kb / 4P
   8 Watt Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com