Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASMT-CW20 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASMT-CW20
Description  SMT 0.2mm Top Fire ChipLED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASMT-CW20 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  ASMT-CW20 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASMT-CW20 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASMT-CW20 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASMT-CW20 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASMT-CW20 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Absolute Maximum Ratings at TA = 25°C
Parameter
Rating
Unit
DC Forward Current
10
mA
Power Dissipation
32
mW
Operating Temperature
-40 to +85
C
Storage Temperature
-40 to +85
C
Moisture Sensitivity Level
(IPC/JEDEC JSTD020)
2A
-
Optical-Electrical Characteristics at TA = 25°C
Rating
Parameter
Test condition
Min
Typ
Max
Unit
Luminous intensity (Iv)
IF=5mA
112.5
180.0
mcd
Viewing angle (2θ1/2)
IF=5mA
130
Deg.
x
IF=5mA
0.28
-
Chromaticity
Coordinates
y
IF=5mA
0.27
-
Forward voltage (VF)
IF=5mA
2.55
3.00
3.15
V
Reverse Voltage (VR)
IR=100µA
0.7
V


Similar Part No. - ASMT-CW20

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-CW20 BOARDCOM-ASMT-CW20 Datasheet
146Kb / 5P
   SMT 0.2mm Top Fire ChipLED
More results

Similar Description - ASMT-CW20

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
ASMT-CW20 BOARDCOM-ASMT-CW20 Datasheet
146Kb / 5P
   SMT 0.2mm Top Fire ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
ASMT-CB20 AVAGO-ASMT-CB20 Datasheet
124Kb / 4P
   SMT Top Fire ChipLED
logo
Broadcom Corporation.
ASMT-CB20 BOARDCOM-ASMT-CB20 Datasheet
124Kb / 4P
   SMT Top Fire ChipLED
HSML-C400 BOARDCOM-HSML-C400 Datasheet
625Kb / 8P
   Side-Fire Mono-Color Surface-Mount ChipLED
HSMC-C400 BOARDCOM-HSMC-C400 Datasheet
625Kb / 8P
   Side-Fire Mono-Color Surface-Mount ChipLED
HSME-C400 BOARDCOM-HSME-C400 Datasheet
625Kb / 8P
   Side-Fire Mono-Color Surface-Mount ChipLED
HSMQ-C400 BOARDCOM-HSMQ-C400 Datasheet
634Kb / 8P
   Side-Fire Mono-Color Surface-Mount ChipLED
HSMC-C290 BOARDCOM-HSMC-C290 Datasheet
833Kb / 9P
   Top View Red ChipLED
HSML-C290 BOARDCOM-HSML-C290 Datasheet
832Kb / 9P
   Top View Orange ChipLED
HSMA-C400 BOARDCOM-HSMA-C400 Datasheet
629Kb / 8P
   Side-Fire Mono-Color Surface-Mount ChipLED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com