Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8261 Datasheet(PDF) 1 Page - Lyontek Inc.

Part # LY8261
Description  3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8261 Datasheet(HTML) 1 Page - Lyontek Inc.

  LY8261_12 Datasheet HTML 1Page - Lyontek Inc. LY8261_12 Datasheet HTML 2Page - Lyontek Inc. LY8261_12 Datasheet HTML 3Page - Lyontek Inc. LY8261_12 Datasheet HTML 4Page - Lyontek Inc. LY8261_12 Datasheet HTML 5Page - Lyontek Inc. LY8261_12 Datasheet HTML 6Page - Lyontek Inc. LY8261_12 Datasheet HTML 7Page - Lyontek Inc. LY8261_12 Datasheet HTML 8Page - Lyontek Inc. LY8261_12 Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LY8261
Rev. 1.5
3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
1
®
FEATURES
3.3W/CH Into 4Ω from 5.5V power supply at
THD+N = 10%.
2.2V~5.5V Power supply.
Support FM enhancement function.
Support headphone function.
Support mute function.
Low shutdown Current.
Low Quiescent Current.
Short-Circuit Protection and automatic recovery.
Over-Heat Protection and automatic recovery.
Minimum external components.
No output filter required for inductive loads.
Low noise during turn-on and turn-off transitions.
Lead free and green package available.
(RoHS Compliant)
Package : 16 pin 150 mil SOP.
APPLICATION
Portable electronic devices
Mobile phones, PDAs
DVD/CD Players, TFT LCD TVs/Monitors
USB Audio, Audio System
iPod dock.
GENERAL DESCRIPTION
The LY8261 is a high efficiency, high quality 3.3W
stereo class D audio power amplifier which can
operate FM enhance function to get good
performance in FM mode. It is a low noise, filterless
PWM architecture eliminates the output filter,
reducing external component count, system cost
(BOM cost), and simplify design.
The device was designed to meet of Multimedia
application includes mini speaker and other portable
electronic devices.
The LY8261 is a single 5.5V power supply, it is
capable of driving 4Ω speaker load at a continuous
average output of 3.3W/CH with 10% THD+N.
The device also features an internal thermal
shutdown protection and output pin short circuit
( short to output pin, short to ground and short to
VDD ) protection prevent the device from damage
during fault conditions.
The LY8261 is easily to be used in various portable
applications and products. such as FM speaker,
MP3, MP4 and MP5 media players.
PIN CONFIGURATION
LY8261 SOP16 Pin Configuration (Top View)


Similar Part No. - LY8261_12

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8261 LYONTEK-LY8261_18 Datasheet
1Mb / 17P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
More results

Similar Description - LY8261_12

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8261 LYONTEK-LY8261_18 Datasheet
1Mb / 17P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8212 LYONTEK-LY8212_12 Datasheet
843Kb / 17P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
LY8209 LYONTEK-LY8209_17 Datasheet
827Kb / 18P
   3.3W/CH Stereo Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
HT6818 YONGFUKANG-HT6818 Datasheet
2Mb / 16P
   3.3W Ultra Low EMI Anti-Cut Top Stereo Class D Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Eutech Microelectronics...
EUA2014 EUTECH-EUA2014 Datasheet
139Kb / 1P
   2.5W Stereo Class-D Audio Power Amplifier with 3D Enhancement
logo
Lyontek Inc.
LY8221 LYONTEK-LY8221_12 Datasheet
954Kb / 18P
   3.0W Stereo & 3D Enhancement Class D Audio Power Amplifier (SOP16)
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com