Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA260-85 Datasheet(PDF) 1 Page - Alpha Industries

Part # AA260-85
Description  GaAs IC 5 Bit Digital Attenuator 1 dB LSB DC-2 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA260-85 Datasheet(HTML) 1 Page - Alpha Industries

  AA260-85 Datasheet HTML 1Page - Alpha Industries AA260-85 Datasheet HTML 2Page - Alpha Industries AA260-85 Datasheet HTML 3Page - Alpha Industries AA260-85 Datasheet HTML 4Page - Alpha Industries AA260-85 Datasheet HTML 5Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
1
Specifications subject to change without notice. 12/00A
GaAs IC 5 Bit Digital Attenuator
1 dB LSB DC–2 GHz
Features
s Attenuation 1.0 dB Steps to 31 dB
with High Accuracy
s Low DC Power Consumption
s Low Cost SSOP-20 Plastic Package
SSOP-20
AA260-85
(Previously AD260-85)*
0.012
(0.30 mm)
REF.
0.0256
(0.65 mm)
BSC
0.069
(1.75 mm)
±0.004
(0.10 mm)
0.008 (0.20 mm) MAX.
0.002 (0.05 mm) MIN.
0.010 (0.25 mm)
0.004 (0.090 mm)
8˚ MAX.
0.030 (0.75 mm)
±0.008 (0.10 mm)
0.078
(2.00 mm)
MAX.
0.283 (7.20 mm)
±0.012 (0.30 mm)
PIN 20
PIN 1
0.209 (5.30 mm)
±0.012 (0.30 mm)
0.307 (7.80 mm)
±0.016 (0.307 mm)
PIN 1
INDICATOR
Description
The AA260-85 is a 5 bit, GaAs IC FET digital attenuator
in a low cost SSOP-20 package. This attenuator has an
LSB of 1 dB and a total attenuation of 31 dB. The
AA260-85 is particularly suited where high attenuation
accuracy, low insertion loss and low intermodulation
products are required. Typical applications include
cellular radio, wireless data, wireless local loop and other
gain level control circuits.
Parameter1
Condition
Frequency2
Min.
Typ.
Max.
Unit
Insertion Loss
DC–0.5 GHz
1.4
1.7
dB
DC–1.0 GHz
1.6
2.0
dB
DC–2.0 GHz
2.0
2.3
dB
Attenuation Range
31
dB
Attenuation Accuracy3
DC–1.0 GHz
± (0.2 + 3% of
Attenuation Setting in dB)
dB
DC–1.8 GHz
± (0.4 + 5% of
Attenuation Setting in dB)
dB
DC–2.0 GHz
± (0.5 + 6% of
Attenuation Setting in dB)
dB
VSWR (I/O)
DC–2.0 GHz
1.4:1
1.7:1
Switching Characteristics4
Rise, Fall (10/90% or 90%/10% RF)
15
nS
On, Off (50% CTL to 90%/10% RF)
25
nS
Video Feedthru
25
mV
Input Power for 1 dB Compression
VHigh = -5 V
0.5–2.0 GHz
+25
+29
dBm
0.05 GHz
+18
+22
dBm
Intermodulation Intercept Point (IP3)
For Two-tone Input Power +5 dBm
0.5–2.0 GHz
+42
+48
dBm
VHigh = -5 V
0.05 GHz
+30
+36
dBm
Control Voltages
VLow = 0 to 0.2 V @ 20 µA Max.
VHigh = -5 V @ 300 µA Max.
Electrical Specifications at -40°C to +85°C (0, -5 V)
1. All measurements made in a 50
Ω system, unless otherwise specified.
2. DC = 300 kHz.
3. Attenuation referenced to insertion loss.
4. Video feedthru measured with 1 ns risetime pulse and 500 MHz bandwidth.
*Due to conflict with another company’s product numbering system, Alpha’s attenuator products starting with the letters “AD” are being changed to “AA”.


Similar Part No. - AA260-85

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA260-85 SKYWORKS-AA260-85 Datasheet
368Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
AA260-85LF SKYWORKS-AA260-85LF Datasheet
368Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
More results

Similar Description - AA260-85

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AD310-25 ALPHA-AD310-25 Datasheet
133Kb / 2P
   GaAs IC Bit Digital Attenuator 1 dB LSB DC-2 GHz
AA280-25 ALPHA-AA280-25 Datasheet
467Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB DC-2 GHz
AA210-25 ALPHA-AA210-25 Datasheet
38Kb / 2P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB DC-2 GHz
logo
Skyworks Solutions Inc.
AA116-72 SKYWORKS-AA116-72 Datasheet
215Kb / 4P
   GaAs IC 1-Bit Digital Attenuator 15 dB LSB DC-2 GHz
AA260-85 SKYWORKS-AA260-85 Datasheet
368Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB 300 kHz-2 GHz
logo
Alpha Industries
AA220-25 ALPHA-AA220-25 Datasheet
38Kb / 2P
   GaAs IC 4 Bit Digital Attenuator 2 dB LSB DC-2 GHz
logo
Hittite Microwave Corpo...
HMC274QS16 HITTITE-HMC274QS16_06 Datasheet
326Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
HMC274QS16 HITTITE-HMC274QS16_08 Datasheet
228Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
HMC274QS16 HITTITE-HMC274QS16 Datasheet
210Kb / 6P
   1 dB LSB GaAs IC 5-BIT DIGITAL ATTENUATOR, 0.7 - 2.7 GHz
logo
Alpha Industries
AA103-72 ALPHA-AA103-72 Datasheet
24Kb / 2P
   GaAs IC 1 Bit Digital Attenuator 10 dB LSB DC-2.5 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com