Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8212SL Datasheet(PDF) 9 Page - Lyontek Inc.

Part # LY8212SL
Description  3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8212SL Datasheet(HTML) 9 Page - Lyontek Inc.

Back Button LY8212SL Datasheet HTML 5Page - Lyontek Inc. LY8212SL Datasheet HTML 6Page - Lyontek Inc. LY8212SL Datasheet HTML 7Page - Lyontek Inc. LY8212SL Datasheet HTML 8Page - Lyontek Inc. LY8212SL Datasheet HTML 9Page - Lyontek Inc. LY8212SL Datasheet HTML 10Page - Lyontek Inc. LY8212SL Datasheet HTML 11Page - Lyontek Inc. LY8212SL Datasheet HTML 12Page - Lyontek Inc. LY8212SL Datasheet HTML 13Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
LY8212
Rev. 1.5
3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
Supply Current vs. Output Power (RL=8Ω)
SUPPLY CURRENT vs OUTPUT POWER
FM Enhance=Disable
0
50
100
150
200
250
300
350
400
450
500
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Po - Output Power - W (RL=8Ω)
2.5V
3.7V
5.0V
SUPPLY CURRENT vs OUTPUT POWER
FM Enhance=Enable
0
50
100
150
200
250
300
350
400
450
500
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
Po - Output Power - W (RL=8Ω)
2.5V
3.7V
5.0V
Load Resistance vs. Output Power (THD+N=1%)
Output Power vs Load Resistance
FM Enhance=Disable
0
0.5
1
1.5
2
2.5
3
4Ω
8Ω
12Ω
16Ω
20Ω
24Ω
28Ω
32Ω
RL - Load Resistance - Ω
Freq = 1kHz, Gain = 2V/V, THD+N = 1%
3.7V
5V
5.5V
OUTPUT POWER vs LOAD RESISTANCE
FM Enhance=Enable
0
0.5
1
1.5
2
2.5
4Ω
8Ω
12Ω
16Ω
20Ω
24Ω
28Ω
32Ω
RL - Load Resistance - Ω
Freq = 1kHz, Gain = 2V/V, THD+N = 1%
2.5v
3.7V
5V
5.5V
Load Resistance vs. Output Power (THD+N=10%)
Output Power vs Load Resistor
FM Enhance=Disable
0
0.5
1
1.5
2
2.5
3
3.5
4Ω
8Ω
12Ω
16Ω
20Ω
24Ω
28Ω
32Ω
RL - Load Resistance - Ω
Freq = 1kHz, Gain = 2V/V, THD+N = 10%
2.5v
3.7V
5V
5.5V
OUTPUT POWER vs LOAD RESISTANCE
FM Enhance=Disable
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
4Ω
8Ω
12Ω
16Ω
20Ω
24Ω
28Ω
32Ω
RL - Load Resistance - Ω
Freq = 1kHz, Gain = 2V/V, THD+N = 10%
2.5v
3.7V
5V
5.5V


Similar Part No. - LY8212SL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8210 LYONTEK-LY8210 Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
LY8210AL LYONTEK-LY8210AL Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
LY8210CL LYONTEK-LY8210CL Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
LY8210IL LYONTEK-LY8210IL Datasheet
1Mb / 20P
   2.5 W/CH Stereo Class D Audio power Amplifier (WCSP/ TSSOP)
More results

Similar Description - LY8212SL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8261 LYONTEK-LY8261_12 Datasheet
880Kb / 18P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8261 LYONTEK-LY8261_18 Datasheet
1Mb / 17P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8209 LYONTEK-LY8209_13 Datasheet
721Kb / 17P
   3.3W/CH Stereo Class D Audio Power Amplifier
LY8209 LYONTEK-LY8209_17 Datasheet
827Kb / 18P
   3.3W/CH Stereo Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
Shenzhenshi YONGFUKANG ...
HT6818 YONGFUKANG-HT6818 Datasheet
2Mb / 16P
   3.3W Ultra Low EMI Anti-Cut Top Stereo Class D Audio Power Amplifier
logo
AiT Semiconductor Inc.
A2410 AITSEMI-A2410 Datasheet
1Mb / 11P
   AUDIO AMPLIFIER 10W STEREO CLASS-D AUDIO POWER AMPLIFIER
REV2.1
logo
Eutech Microelectronics...
EUA2014 EUTECH-EUA2014 Datasheet
139Kb / 1P
   2.5W Stereo Class-D Audio Power Amplifier with 3D Enhancement
logo
Lyontek Inc.
LY8221 LYONTEK-LY8221_12 Datasheet
954Kb / 18P
   3.0W Stereo & 3D Enhancement Class D Audio Power Amplifier (SOP16)
logo
Anpec Electronics Corop...
APA2613A ANPEC-APA2613A Datasheet
474Kb / 25P
   8W Stereo Class-D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com