Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY8209 Datasheet(PDF) 10 Page - Lyontek Inc.

Part # LY8209
Description  3.3W/CH Stereo Class D Audio Power Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY8209 Datasheet(HTML) 10 Page - Lyontek Inc.

Back Button LY8209_13 Datasheet HTML 6Page - Lyontek Inc. LY8209_13 Datasheet HTML 7Page - Lyontek Inc. LY8209_13 Datasheet HTML 8Page - Lyontek Inc. LY8209_13 Datasheet HTML 9Page - Lyontek Inc. LY8209_13 Datasheet HTML 10Page - Lyontek Inc. LY8209_13 Datasheet HTML 11Page - Lyontek Inc. LY8209_13 Datasheet HTML 12Page - Lyontek Inc. LY8209_13 Datasheet HTML 13Page - Lyontek Inc. LY8209_13 Datasheet HTML 14Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LY8209
Rev. 1.2
3.3W/CH Stereo Class D Audio Power Amplifier
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, lndustry E . Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan
TEL: 886-3-6668838
FAX: 886-3-6668836
10
®
Supply Current vs. Output Power (RL=4Ω)
Supply Current vs. Output Power (RL=8Ω)
SUPPLY CURRENT vs OUTPUT POWER
0
200
400
600
800
1000
1200
1400
0
0.2
0.4
0.8
1.2
1.6
2
2.4
Po-Output Power-W RL=4Ω
2.5V(D)
3.7V(D)
5V(D)
SUPPLY CURRENT vs OUTPUT POWER
0
100
200
300
400
500
600
700
800
900
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Po - Output Power - W RL=8Ω
2.5V(D)
3.7V(D)
5V(D)
Load Resistance vs. Output Power (THD+N=10%)
Load Resistance vs. Output Power (THD+N=1%)
Output Power vs Load Resistance
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
4Ω
8Ω
12Ω
16Ω
20Ω
24Ω
28Ω
32Ω
Load Resistance
2.5V
3.7V
5V
6V
4.2V
5.5V
Output Power vs Load Resistance
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4Ω
8Ω
12Ω
16Ω
20Ω
24Ω
28Ω
32Ω
Load Resistance
2.5V
3.7V
5V
6V
4.2V
5.5V
Output Power vs. VDD (RL=8Ohm)
Output Power vs. VDD (RL=4Ohm)
OUTPUT POWER vs. SUPPLY VOLTAGE(8Ω)
0
0.4
0.8
1.2
1.6
2
2.4
2.8
2.5V
3.7V
4.2V
5V
5.5V
6V
VDD-Supply Voltage-V (RL=8Ohm, f=1KHz, Av=11 V/V)
THD+N=10%
THD+N=1%
OUTPUT POWER vs. SUPPLY VOLTAGE(4Ω)
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
2.5V
3.7V
4.2V
5V
5.5V
6V
VDD-Supply Voltage-V (RL=4Ohm, f=1KHz, Av=11 V/V)
THD+N=10%
THD+N=1%


Similar Part No. - LY8209_13

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8209 LYONTEK-LY8209_17 Datasheet
827Kb / 18P
   3.3W/CH Stereo Class D Audio Power Amplifier
More results

Similar Description - LY8209_13

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY8209 LYONTEK-LY8209_17 Datasheet
827Kb / 18P
   3.3W/CH Stereo Class D Audio Power Amplifier
LY8261 LYONTEK-LY8261_12 Datasheet
880Kb / 18P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8261 LYONTEK-LY8261_18 Datasheet
1Mb / 17P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
LY8212 LYONTEK-LY8212_12 Datasheet
843Kb / 17P
   3.3W Stereo & FM Enhancement Class D Audio Power Amplifier
logo
Eutech Microelectronics...
EUA2068 EUTECH-EUA2068 Datasheet
1,023Kb / 1P
   3.3W Mono Class-D Audio Power Amplifier
logo
List of Unclassifed Man...
TMPA420DS ETC2-TMPA420DS Datasheet
356Kb / 14P
   15W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
TMPA218DS ETC2-TMPA218DS Datasheet
218Kb / 13P
   3.5W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
TMPA402DS ETC1-TMPA402DS Datasheet
236Kb / 13P
   6W/Ch STEREO CLASS-D AUDIO POWER AMPLIFIER
TMPA2155DS ETC1-TMPA2155DS Datasheet
355Kb / 14P
   2.7W/CH STEREO CLASS-D AUDIO POWER AMPLIFIER
logo
Skyworks Solutions Inc.
AAT5102 SKYWORKS-AAT5102 Datasheet
3Mb / 19P
   2.5W-Ch Stereo Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com