Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6164DL-8E Datasheet(PDF) 7 Page - Lyontek Inc.

Part # LT6164DL-8E
Description  8K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LT6164DL-8E Datasheet(HTML) 7 Page - Lyontek Inc.

Back Button LT6164DL-8E Datasheet HTML 3Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 4Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 5Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 6Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 7Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 8Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 9Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 10Page - Lyontek Inc. LT6164DL-8E Datasheet HTML 11Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
LY6164
Rev. 1.4
8K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
6
®
WRITE CYCLE 1 (WE# Controlled) (1,2,3,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
tWP
tCW
tWR
tAS
(4)
TOW
CE#
tAW
Address
tWC
CE2
WRITE CYCLE 2 (CE# and CE2 Controlled) (1,2,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
tWP
tCW
CE#
tWR
tAS
tAW
Address
tWC
CE2
Notes :
1.WE#, CE# must be high or CE2 must be low during all address transitions.
2.A write occurs during the overlap of a low CE#, high CE2, low WE#.
3.During a WE#controlled write cycle with OE# low, tWP must be greater than tWHZ + tDW to allow the drivers to turn off and data to be
placed on the bus.
4.During this period, I/O pins are in the output state, and input signals must not be applied.
5.If the CE#low transition and CE2 high transition occurs simultaneously with or after WE# low transition, the outputs remain in a high
impedance state.
6.tOW and tWHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.


Similar Part No. - LT6164DL-8E

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT616 LETEX-LT616 Datasheet
146Kb / 4P
   Photo DMOS-FET Relay
More results

Similar Description - LT6164DL-8E

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY6564 LYONTEK-LY6564_12 Datasheet
330Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY65W64 LYONTEK-LY65W64_12 Datasheet
334Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM6164 UMC-UM6164 Datasheet
286Kb / 5P
   8K X 8 HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
   Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com