Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BU4336G-TR Datasheet(PDF) 1 Page - Rohm

Part # BU4336G-TR
Description  Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BU4336G-TR Datasheet(HTML) 1 Page - Rohm

  BU4336G-TR Datasheet HTML 1Page - Rohm BU4336G-TR Datasheet HTML 2Page - Rohm BU4336G-TR Datasheet HTML 3Page - Rohm BU4336G-TR Datasheet HTML 4Page - Rohm BU4336G-TR Datasheet HTML 5Page - Rohm BU4336G-TR Datasheet HTML 6Page - Rohm BU4336G-TR Datasheet HTML 7Page - Rohm BU4336G-TR Datasheet HTML 8Page - Rohm BU4336G-TR Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
○Product structure:Silicon monolithic integrated circuit ○This product is not designed for protection against radioactive rays
.
1/13
Datasheet
TSZ02201-0R7R0G300050-1-2
© 2013 ROHM Co., Ltd. All rights reserved.
2.Aug.2013 Rev.007
TSZ22111・14・001
www.rohm.com
Voltage Detector IC Series
Low Voltage Free Delay Time Setting
CMOS Voltage Detector IC Series
BU42xx series
BU43xx series
●General Description
ROHM’s BU42xx and BU43xx series are CMOS Voltage
Detector ICs with adjustable output delay. It is a
high-accuracy, low current consumption Voltage Detector
IC series with a built-in delay circuit. The lineup was
established with two output types (Nch open drain and
CMOS output) and detection voltages range from 0.9V to
4.8V in increments of 0.1V, so that the series may be
selected according to application.
●Features
Delay Time Controlled by external Capacitor
Two output types (Nch open drain and CMOS output)
Ultra-low current consumption
Wide operating temperature range
Very small and low height package
Package SSOP5 and SOP4 is similar to SOT-23-5
and SC-82 respectively (JEDEC)
●Key Specifications
Detection voltage:
0.9V to 4.8V (Typ.)
0.1V steps
High accuracy detection voltage:
±1.0%
Ultra-low current consumption:
0.55µA (Typ.)
Operating temperature range:
-40°C to +125°C
●Package
SSOP5:
2.90mm x 2.80mm x 1.25mm
SOP4:
2.00mm x 2.10mm x 0.95mm
VSOF5:
1.60mm x 1.60mm x 0.60mm
●Applications
Circuits using microcontrollers or logic circuits that require
a reset.
●Typical Application Circuit
●Connection Diagram & Pin Descriptions
SSOP5
SOP4
VSOF5
PIN
No.
Symbol
Function
PIN
No.
Symbol
Function
PIN
No.
Symbol
Function
1
VOUT
Reset output
1
GND
GND
1
VOUT
Reset output
2
VDD
Power supply voltage
2
VDD
Power supply voltage
2
SUB
Substrate*
3
GND
GND
3
CT
Capacitor connection
terminal
for
output
delay time
3
CT
Capacitor connection
terminal
for
output
delay time
4
N.C.
Unconnected terminal
4
VOUT
Reset output
4
VDD
Power supply voltage
5
CT
Capacitor
connection
terminal
for
output
delay time
5
GND
GND
VDD1
BU42xx
VDD2
GND
CL
(Capacitor for
noise filtering)
CT
RL
CIN
RST
Micro
controller
Open Drain Output type
BU42xx series
VDD1
BU43xx
CIN
GND
CT
CL
(Capacitor for
noise filtering)
RST
Micro
controller
CMOS Output type
BU43xx series
TOP VIEW
TOP VIEW
TOP VIEW
*Connect the substrate to VDD
GND
VDD
CT
VOUT
1
2
3
4
Marking
Lot. No
VOUT
VDD
GND
N.C.
CT
Lot. No
Marking
VDD
VOUT
SUB
CT
GND
4
3
2
1
5
Marking
Lot. No


Similar Part No. - BU4336G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4336G-TR ROHM-BU4336G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4336G-TR ROHM-BU4336G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
More results

Similar Description - BU4336G-TR

ManufacturerPart #DatasheetDescription
logo
Rohm
BU4220G-TR ROHM-BU4220G-TR Datasheet
454Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4240G-TR ROHM-BU4240G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4227FVE-TR ROHM-BU4227FVE-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4228G-TR ROHM-BU4228G-TR Datasheet
391Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XX ROHM-BU42XX Datasheet
447Kb / 17P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
03.Feb.2014 Rev.008
BD4142HFV ROHM-BD4142HFV Datasheet
698Kb / 18P
   Free Delay Time Setting CMOS Voltage Detector IC
BU4248 ROHM-BU4248_13 Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU4231G-TR ROHM-BU4231G-TR Datasheet
386Kb / 16P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BU42XXG ROHM-BU42XXG_09 Datasheet
369Kb / 12P
   Low Voltage Free Delay Time Setting CMOS Voltage Detector IC Series
BD5231FVE-TR ROHM-BD5231FVE-TR Datasheet
474Kb / 16P
   Free Delay Time Setting CMOS Voltage Detector IC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com