Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY6264PL-70LL Datasheet(PDF) 10 Page - Lyontek Inc.

Part # LY6264PL-70LL
Description  8K X 8 BIT LOW POWER CMOS SRAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY6264PL-70LL Datasheet(HTML) 10 Page - Lyontek Inc.

Back Button LY6264PL-70LL Datasheet HTML 6Page - Lyontek Inc. LY6264PL-70LL Datasheet HTML 7Page - Lyontek Inc. LY6264PL-70LL Datasheet HTML 8Page - Lyontek Inc. LY6264PL-70LL Datasheet HTML 9Page - Lyontek Inc. LY6264PL-70LL Datasheet HTML 10Page - Lyontek Inc. LY6264PL-70LL Datasheet HTML 11Page - Lyontek Inc. LY6264PL-70LL Datasheet HTML 12Page - Lyontek Inc. LY6264PL-70LL Datasheet HTML 13Page - Lyontek Inc. LY6264PL-70LL Datasheet HTML 14Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
LY6264
Rev. 2.8
8K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
28 pin 330 mil SOP Package Outline Dimension
UNIT
SYM.
INCH(BASE)
MM(REF)
A
0.120(MAX)
3.048(MAX)
A1
0.002(MIN)
0.05(MIN)
A2
0.098±0.005 2.489±0.127
b
0.016(TYP)
0.406(TYP)
c
0.010(TYP)
0.254(TYP)
D
0.728(MAX)
18.491(MAX)
E
0.340(MAX)
8.636(MAX)
E1
0.465±0.012 11.811±0.305
e
0.050(TYP)
1.270(TYP)
L
0.038(MAX)
0.965(MAX)
L1
0.067±0.008 1.702 ±0.203
S
0.047(MAX)
1.194(MAX)
y
0.004(MAX)
0.102(MAX)
Θ
0
o~10o
0
o~10o


Similar Part No. - LY6264PL-70LL

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6264PL LYONTEK-LY6264PL Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY6264PL-70LL

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UT6264C ETC-UT6264C Datasheet
208Kb / 10P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264-55PCN ALSC-AS6C6264-55PCN Datasheet
871Kb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY6264 LYONTEK-LY6264 Datasheet
216Kb / 14P
   8K X 8 BIT LOW POWER CMOS SRAM
LY6264 LYONTEK-LY6264_16 Datasheet
797Kb / 17P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT6264B ETC-UT6264B Datasheet
162Kb / 9P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C6264 ALSC-AS6C6264 Datasheet
1Mb / 12P
   8K X 8 BIT LOW POWER CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com