Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LT6164DL-10 Datasheet(PDF) 5 Page - Lyontek Inc.

Part # LT6164DL-10
Description  8K X 8 BIT HIGH SPEED CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LT6164DL-10 Datasheet(HTML) 5 Page - Lyontek Inc.

  LT6164DL-10 Datasheet HTML 1Page - Lyontek Inc. LT6164DL-10 Datasheet HTML 2Page - Lyontek Inc. LT6164DL-10 Datasheet HTML 3Page - Lyontek Inc. LT6164DL-10 Datasheet HTML 4Page - Lyontek Inc. LT6164DL-10 Datasheet HTML 5Page - Lyontek Inc. LT6164DL-10 Datasheet HTML 6Page - Lyontek Inc. LT6164DL-10 Datasheet HTML 7Page - Lyontek Inc. LT6164DL-10 Datasheet HTML 8Page - Lyontek Inc. LT6164DL-10 Datasheet HTML 9Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LY6164
Rev. 1.4
8K X 8 BIT HIGH SPEED CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
4
®
AC ELECTRICAL CHARACTERISTICS
(1) READ CYCLE
PARAMETER
SYM.
LY6164-8
LY6164-10
LY6164-12
LY6164-15 UNIT
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
Read Cycle Time
tRC
8
-
10
-
12
-
15
-
ns
Address Access Time
tAA
-
8
-
10
-
12
-
15
ns
Chip Enable Access Time
tACE
-
8
-
10
-
12
-
15
ns
Output Enable Access Time
tOE
-4-5-6
-
7
ns
Chip Enable to Output in Low-Z
tCLZ*
2-2-3-
4
-
ns
Output Enable to Output in Low-Z
tOLZ*
0-0-0-
0
-
ns
Chip Disable to Output in High-Z
tCHZ*
-
4-5-6
-
7
ns
Output Disable to Output in High-Z
tOHZ*
-
4-5-6
-
7
ns
Output Hold from Address Change
tOH
3-3-3-
3
-
ns
(2) WRITE CYCLE
PARAMETER
SYM.
LY6164-8
LY6164-10
LY6164-12
LY6164-15
UNIT
MIN. MAX. MIN. MAX. MIN. MAX. MIN. MAX.
Write Cycle Time
tWC
8
-
10
-
12
-
15
-
ns
Address Valid to End of Write
tAW
6.5
-
8
-
10
-
12
-
ns
Chip Enable to End of Write
tCW
6.5
-
8
-
10
-
12
-
ns
Address Set-up Time
tAS
0-0-0-
0
-
ns
Write Pulse Width
tWP
6.5
-
8-9-
10
-
ns
Write Recovery Time
tWR
0-0-0-
0
-
ns
Data to Write Time Overlap
tDW
5-6-7-
8
-
ns
Data Hold from End of Write Time
tDH
0-0-0-
0
-
ns
Output Active from End of Write
tOW*
1.5
-
2-3-
4
-
ns
Write to Output in High-Z
tWHZ*
-
5-6-7
-
8
ns
*These parameters are guaranteed by device characterization, but not production tested.


Similar Part No. - LT6164DL-10

ManufacturerPart #DatasheetDescription
logo
LETEX TECHNOLOGY CORP.
LT616 LETEX-LT616 Datasheet
146Kb / 4P
   Photo DMOS-FET Relay
More results

Similar Description - LT6164DL-10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AS7C164A ETC2-AS7C164A Datasheet
459Kb / 10P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164_16 Datasheet
783Kb / 15P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY6564 LYONTEK-LY6564_12 Datasheet
330Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
LY65W64 LYONTEK-LY65W64_12 Datasheet
334Kb / 12P
   8K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM6164 UMC-UM6164 Datasheet
286Kb / 5P
   8K X 8 HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308A AMICC-A623308A Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
logo
Holtek Semiconductor In...
HT6264 HOLTEK-HT6264 Datasheet
238Kb / 10P
   CMOS 8K x 8-Bit SRAM
logo
Lyontek Inc.
LY6164 LYONTEK-LY6164 Datasheet
172Kb / 13P
   Rev. 1.2 8K X 8 BIT HIGH SPEED CMOS SRAM
logo
AMIC Technology
A623308 AMICC-A623308 Datasheet
130Kb / 13P
   8K X 8 BIT CMOS SRAM
A623308A AMICC-A623308A_15 Datasheet
194Kb / 14P
   8K X 8 BIT CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com