Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62W2568RL-55SLIT Datasheet(PDF) 8 Page - Lyontek Inc.

Part # LY62W2568RL-55SLIT
Description  256K X 8 BIT LOW POWER CMOS SRAM
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62W2568RL-55SLIT Datasheet(HTML) 8 Page - Lyontek Inc.

Back Button LY62W2568RL-55SLIT Datasheet HTML 4Page - Lyontek Inc. LY62W2568RL-55SLIT Datasheet HTML 5Page - Lyontek Inc. LY62W2568RL-55SLIT Datasheet HTML 6Page - Lyontek Inc. LY62W2568RL-55SLIT Datasheet HTML 7Page - Lyontek Inc. LY62W2568RL-55SLIT Datasheet HTML 8Page - Lyontek Inc. LY62W2568RL-55SLIT Datasheet HTML 9Page - Lyontek Inc. LY62W2568RL-55SLIT Datasheet HTML 10Page - Lyontek Inc. LY62W2568RL-55SLIT Datasheet HTML 11Page - Lyontek Inc. LY62W2568RL-55SLIT Datasheet HTML 12Page - Lyontek Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
LY62W2568
Rev. 1.7
256K X 8 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
7
WRITE CYCLE 1 (WE# Controlled) (1,2,3,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
tWP
tCW
tWR
tAS
(4)
TOW
CE#
tAW
Address
tWC
CE2
WRITE CYCLE 2 (CE# and CE2 Controlled) (1,2,5,6)
Dout
Din
Data Valid
tDW
tDH
(4)
High-Z
tWHZ
WE#
tWP
tCW
CE#
tWR
tAS
tAW
Address
tWC
CE2
Notes :
1.WE#, CE# must be high or CE2 must be low during all address transitions.
2.A write occurs during the overlap of a low CE#, high CE2, low WE#.
3.During a WE#controlled write cycle with OE# low, tWP must be greater than tWHZ + tDW to allow the drivers to turn off and data to be
placed on the bus.
4.During this period, I/O pins are in the output state, and input signals must not be applied.
5.If the CE#low transition and CE2 high transition occurs simultaneously with or after WE# low transition, the outputs remain in a high
impedance state.
6.tOW and tWHZ are specified with CL = 5pF. Transition is measured ±500mV from steady state.


Similar Part No. - LY62W2568RL-55SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62W2568PL-55LL LYONTEK-LY62W2568PL-55LL Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568PL-55LLI LYONTEK-LY62W2568PL-55LLI Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568PL-55SL LYONTEK-LY62W2568PL-55SL Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568PL-55SLI LYONTEK-LY62W2568PL-55SLI Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568PL-70LL LYONTEK-LY62W2568PL-70LL Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62W2568RL-55SLIT

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY622568_1008 LYONTEK-LY622568_1008 Datasheet
293Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY622568 LYONTEK-LY622568_16 Datasheet
825Kb / 17P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568 LYONTEK-LY62L2568_17 Datasheet
1Mb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62L2568_1008 LYONTEK-LY62L2568_1008 Datasheet
342Kb / 16P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Alliance Semiconductor ...
AS6C2008 ALSC-AS6C2008 Datasheet
3Mb / 13P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY622568 LYONTEK-LY622568 Datasheet
222Kb / 14P
   256K X 8 BIT LOW POWER CMOS SRAM
LY62W2568 LYONTEK-LY62W2568_16 Datasheet
816Kb / 20P
   256K X 8 BIT LOW POWER CMOS SRAM
logo
Brilliance Semiconducto...
BS62LV2006 BSI-BS62LV2006_06 Datasheet
350Kb / 11P
   Very Low Power CMOS SRAM 256K X 8 bit
BS62LV2006 BSI-BS62LV2006_08 Datasheet
333Kb / 10P
   Very Low Power CMOS SRAM 256K X 8 bit
logo
AMIC Technology
LP62S2048-I AMICC-LP62S2048-I Datasheet
190Kb / 17P
   256K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com