Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3900DS Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP3900DS
Description  High Efficiency Boost Controller
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3900DS Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP3900DS Datasheet HTML 1Page - Monolithic Power Systems MP3900DS Datasheet HTML 2Page - Monolithic Power Systems MP3900DS Datasheet HTML 3Page - Monolithic Power Systems MP3900DS Datasheet HTML 4Page - Monolithic Power Systems MP3900DS Datasheet HTML 5Page - Monolithic Power Systems MP3900DS Datasheet HTML 6Page - Monolithic Power Systems MP3900DS Datasheet HTML 7Page - Monolithic Power Systems MP3900DS Datasheet HTML 8Page - Monolithic Power Systems MP3900DS Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
MP3900 – HIGH EFFICIENCY BOOST CONTROLLER
MP3900 Rev. 1.0
www.MonolithicPower.com
3
12/17/2013
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VCC = 10V, TA = +25°C, unless otherwise noted.
Parameter
Symbol Condition
Min
Typ
Max
Units
VCC Undervoltage Lockout
(VCC UVLO Turn_On Threshold)
Internal Divider (IQ)
8.6
8.9
9.2
V
VCC On/Off Voltage Hysteresis
(VCC UVLO Turn_On/Off Hysteresis)
2.0
2.3
V
COMP Run Threshold
0.120
0.160
0.200
V
Shutdown Current
IS
COMP/RUN = 0V, VIN = 8V
8
20
µA
Quiescent Current (Operation)
IQ
Output not switching, VFB =
1V, VCC = 9V
180
280
µA
Gate Driver Impedance (Sourcing)
VCC = 10V, VGATE = 5V
16
Gate Driver Impedance (Sinking)
VCC = 10V, IGATE = 5mA
4.0
6.0
Error Amplifier Transconductance
VFB connected to VCOMP/RUN.
Force ±10µA to VCOMP/RUN.
0.26
0.36
0.46
mA/V
Maximum Comp Current
Sourcing and Sinking
40
µA
EA Translator Gain
(5)
AET
0.28
0.32
0.36
V/V
Switching Frequency
fS
270
330
390
KHz
Thermal Shutdown
(5)
150
°C
Maximum Duty Cycle
77
80
83
%
Minimum On Time
tON
110
150
ns
ISENSE Limit
175
200
225
mV
FB Voltage
VFB
0.790
0.816
0.840
V
FB Bias Current
IFB
Current flowing out of part
50
nA
ISENSE Bias Current
(5)
ISENSE
Current flowing out of part
50
nA
Note:
5) Guaranteed by design.


Similar Part No. - MP3900DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3900DK MPS-MP3900DK Datasheet
223Kb / 4P
   High Efficiency Boost Controller
MP3900DK MPS-MP3900DK Datasheet
371Kb / 6P
   High Efficiency Flyback Converter EV Board
MP3900DK MPS-MP3900DK Datasheet
188Kb / 4P
   High Efficiency Boost Controller EV Board
More results

Similar Description - MP3900DS

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV3900DK-00B MPS-EV3900DK-00B Datasheet
223Kb / 4P
   High Efficiency Boost Controller
logo
Microsemi Corporation
LX1741 MICROSEMI-LX1741 Datasheet
470Kb / 15P
   High Efficiency High Voltage Boost Controller
LX1741 MICROSEMI-LX1741_05 Datasheet
485Kb / 15P
   High Efficiency High Voltage Boost Controller
LX1742 MICROSEMI-LX1742 Datasheet
456Kb / 13P
   High Efficiency High Voltage Boost Controller
logo
Monolithic Power System...
EV3900DK-00F MPS-EV3900DK-00F Datasheet
188Kb / 4P
   High Efficiency Boost Controller EV Board
logo
Lowpower Semiconductor ...
LP6240 POWER-LP6240 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
LP6239 POWER-LP6239 Datasheet
311Kb / 6P
   High Efficiency Boost DC/DC Controller
logo
Linear Technology
LTC3780 LINER-LTC3780 Datasheet
421Kb / 28P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3789 LINER-LTC3789_15 Datasheet
535Kb / 30P
   High Efficiency, Synchronous, 4-Switch Buck-Boost Controller
LTC3780EG LINER-LTC3780EG Datasheet
556Kb / 30P
   High Efficiency, Synchronous,4-Switch Buck-Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com