Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LY62W51316GL-55SLI Datasheet(PDF) 10 Page - Lyontek Inc.

Part # LY62W51316GL-55SLI
Description  512K X 16 BIT LOW POWER CMOS SRAM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LYONTEK [Lyontek Inc.]
Direct Link  http://www.lyontek.com.tw
Logo LYONTEK - Lyontek Inc.

LY62W51316GL-55SLI Datasheet(HTML) 10 Page - Lyontek Inc.

Back Button LY62W51316GL-55SLI Datasheet HTML 5Page - Lyontek Inc. LY62W51316GL-55SLI Datasheet HTML 6Page - Lyontek Inc. LY62W51316GL-55SLI Datasheet HTML 7Page - Lyontek Inc. LY62W51316GL-55SLI Datasheet HTML 8Page - Lyontek Inc. LY62W51316GL-55SLI Datasheet HTML 9Page - Lyontek Inc. LY62W51316GL-55SLI Datasheet HTML 10Page - Lyontek Inc. LY62W51316GL-55SLI Datasheet HTML 11Page - Lyontek Inc. LY62W51316GL-55SLI Datasheet HTML 12Page - Lyontek Inc. LY62W51316GL-55SLI Datasheet HTML 13Page - Lyontek Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
LY62W51316
Rev. 1.0
512K X 16 BIT LOW POWER CMOS SRAM
Lyontek Inc. reserves the rights to change the specifications and products without notice.
5F, No. 2, Industry E. Rd. IX, Science-Based Industrial Park, Hsinchu 300, Taiwan.
TEL: 886-3-6668838
FAX: 886-3-6668836
9
®
PACKAGE OUTLINE DIMENSION
48-pin 12mm x 20mm TSOP-I Package Outline Dimension


Similar Part No. - LY62W51316GL-55SLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY62W51316LL-55LL LYONTEK-LY62W51316LL-55LL Datasheet
346Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316LL-55LLI LYONTEK-LY62W51316LL-55LLI Datasheet
346Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316LL-55LLIT LYONTEK-LY62W51316LL-55LLIT Datasheet
346Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316LL-55LLT LYONTEK-LY62W51316LL-55LLT Datasheet
346Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51316LL-55SL LYONTEK-LY62W51316LL-55SL Datasheet
346Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
More results

Similar Description - LY62W51316GL-55SLI

ManufacturerPart #DatasheetDescription
logo
Lyontek Inc.
LY6251216 LYONTEK-LY6251216 Datasheet
190Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_11 Datasheet
467Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216 Datasheet
195Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51216 LYONTEK-LY62L51216_16 Datasheet
798Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_16 Datasheet
360Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251316 LYONTEK-LY6251316_16 Datasheet
333Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62W51216 LYONTEK-LY62W51216_11 Datasheet
465Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_13 Datasheet
330Kb / 14P
   512K X 16 BIT LOW POWER CMOS SRAM
LY62L51316 LYONTEK-LY62L51316_11 Datasheet
464Kb / 13P
   512K X 16 BIT LOW POWER CMOS SRAM
LY6251216 LYONTEK-LY6251216_16 Datasheet
350Kb / 15P
   512K X 16 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com