Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3425DL Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3425DL
Description  3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3425DL Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3425DL Datasheet HTML 1Page - Monolithic Power Systems MP3425DL Datasheet HTML 2Page - Monolithic Power Systems MP3425DL Datasheet HTML 3Page - Monolithic Power Systems MP3425DL Datasheet HTML 4Page - Monolithic Power Systems MP3425DL Datasheet HTML 5Page - Monolithic Power Systems MP3425DL Datasheet HTML 6Page - Monolithic Power Systems MP3425DL Datasheet HTML 7Page - Monolithic Power Systems MP3425DL Datasheet HTML 8Page - Monolithic Power Systems MP3425DL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MP3425- 3A, 55V BOOST CONVERTER WITH PROGRAMMABLE SWITCHING FREQUENCY AND UVLO
MP3425 Rev.1.02
www.MonolithicPower.com
2
6/28/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ORDERING INFORMATION
Part Number*
Package
Top Marking
Free Air Temperature (TA)
MP3425DL
3x4mm QFN 14
3425
-40
°C to +85°C
* For Tape & Reel, add suffix –Z (e.g. MP3425DL–Z);
For RoHS compliant packaging, add suffix –LF (e.g. MP3425DL–LF–Z)
PACKAGE REFERENCE
14
13
12
11
10
9
8
1
2
3
4
5
6
7
TOP VIEW
EXPOSED PAD
COMP
EN
VIN
SW
SW
SW
VDD
FSET
FB
SS
AGND
PGND
PGND
PGND
3x4mm QFN 14
ABSOLUTE MAXIMUM RATINGS (1)
SW ................................................-0.5V to +55V
IN ................................................-0.5V to +22V
All Other Pins...............................-0.3V to +6.5V
Continuous Power Dissipation (TA = +25°C)
(2)
QFN14 ....................................................... 2.5W
Junction Temperature...............................150
°C
Lead Temperature ....................................260
°C
Storage Temperature............... -65
°C to +150°C
Recommended Operating Conditions
(3)
Supply Voltage VIN ...........................3.1V to 22V
Output Voltage VOUT.........................3.1V to 55V
Operating Junct. Temp (TJ)..... - 40°C to +125°C
Thermal Resistance
θJA
θJC
QFN14 ....................................50 ...... 12 ...
°C/W
Notes:
1) Exceeding these ratings may damage the device.
2) The maximum allowable power dissipation is a function of the
maximum junction temperature TJ(MAX), the junction-to-
ambient thermal resistance θJA, and the ambient temperature
TA. The maximum allowable continuous power dissipation at
any ambient temperature is calculated by PD(MAX)=(TJ(MAX)-
TA)/θJA. Exceeding the maximum allowable power dissipation
will cause excessive die temperature, and the regulator will go
into thermal shutdown. Internal thermal shutdown circuitry
protects the device from permanent damage.
3) The device is not guaranteed to function outside of its
operating conditions.


Similar Part No. - MP3425DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3425DL MPS-MP3425DL Datasheet
187Kb / 4P
   Boost Converter With a 55V, 3.5A Switch
More results

Similar Description - MP3425DL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MPQ3425 MPS-MPQ3425 Datasheet
1Mb / 28P
   3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
Rev. 1.1 7/6/2023
MPQ3425-AEC1 MPS-MPQ3425-AEC1 Datasheet
808Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency, AEC-Q100 Qualified
EVQ3426-L-00A MPS-EVQ3426-L-00A Datasheet
307Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
EV3426-L-00A MPS-EV3426-L-00A Datasheet
541Kb / 7P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO Evaluation Board
MPQ3426 MPS-MPQ3426 Datasheet
544Kb / 17P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO AEC-Q100 Qualified
EV4570-F-01A MPS-EV4570-F-01A Datasheet
521Kb / 9P
   3A, 55V, Frequency Programmable Step-Down Converter
EV4570-F-00A MPS-EV4570-F-00A Datasheet
442Kb / 9P
   3A, 55V, Frequency programmable Step-Down Converter
MP4570 MPS-MP4570 Datasheet
676Kb / 22P
   3A, 4.5V-55V Input, Frequency Programmable, Fully Integrated Synchronous, Step-Down Converter
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
811Kb / 23P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com