Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3394 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP3394
Description  Step-up, 4-String Max 200mA/String White LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP3394 Datasheet HTML 2Page - Monolithic Power Systems MP3394 Datasheet HTML 3Page - Monolithic Power Systems MP3394 Datasheet HTML 4Page - Monolithic Power Systems MP3394 Datasheet HTML 5Page - Monolithic Power Systems MP3394 Datasheet HTML 6Page - Monolithic Power Systems MP3394 Datasheet HTML 7Page - Monolithic Power Systems MP3394 Datasheet HTML 8Page - Monolithic Power Systems MP3394 Datasheet HTML 9Page - Monolithic Power Systems MP3394 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
MP3394—4-STRING, MAX 200mA/STRING WHITE LED DRIVER
MP3394 Rev. 1.07
www.MonolithicPower.com
6
3/21/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS (continued)
TSSOP16EP
&SOIC16
SOIC20
Name Description
13
17
ISENSE
Current Sense Input. During normal operation, this pin senses the voltage
across the external inductor current sensing resistor for peak current mode
control and also to limit the inductor current during every switching cycle. If
this pin is not used in extending application with other master MP3394, tie
this pin to GND, do not let this pin floating.
14
18
GATE
Step-up Converter Power Switch Gate Output. This pin drives the external
power N-MOS device.
15
19
VIN
Supply Input. VIN supplies the power to the chip, as well as the step-up
converter switch. Drive VIN with a 5V to 28V power source. Must be locally
bypassed.
16
20
VCC
The Internal 6V Linear Regulator Output. VCC provides power supply for the
external MOSFET switch gate driver and the internal control circuitry. Bypass
VCC to GND with a ceramic capacitor.
4, 6,
15, 16
NC
No Connect.


Similar Part No. - MP3394

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394EF MPS-MP3394EF Datasheet
199Kb / 5P
   4 strings 120mA White LED Driver Evaluation Board
MP3394ES MPS-MP3394ES Datasheet
181Kb / 5P
   4 strings 120mA White LED Driver Evaluation Board
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
   Step-Up, 4-String Max 200mA/String White LED Driver
MP3394SGF MPS-MP3394SGF Datasheet
425Kb / 17P
   Step-Up, 4-String Max 200mA/String White LED Driver
MP3394SGS MPS-MP3394SGS Datasheet
425Kb / 17P
   Step-Up, 4-String Max 200mA/String White LED Driver
More results

Similar Description - MP3394

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
   Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
   Step-Up, 4-String Max 350mA/String White LED Driver
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
   50V, 8-String, Step-Up, White LED Driver
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
   4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
   4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
   50V, 4-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com