Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3394 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP3394
Description  Step-up, 4-String Max 200mA/String White LED Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3394 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP3394 Datasheet HTML 1Page - Monolithic Power Systems MP3394 Datasheet HTML 2Page - Monolithic Power Systems MP3394 Datasheet HTML 3Page - Monolithic Power Systems MP3394 Datasheet HTML 4Page - Monolithic Power Systems MP3394 Datasheet HTML 5Page - Monolithic Power Systems MP3394 Datasheet HTML 6Page - Monolithic Power Systems MP3394 Datasheet HTML 7Page - Monolithic Power Systems MP3394 Datasheet HTML 8Page - Monolithic Power Systems MP3394 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
MP3394—4-STRING, MAX 200mA/STRING WHITE LED DRIVER
MP3394 Rev. 1.07
www.MonolithicPower.com
5
3/21/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
PIN FUNCTIONS
TSSOP16EP
&SOIC16
SOIC20
Name Description
1
1
COMP
Step-up Converter Compensation Pin. This pin is used to compensate the
regulation control loop. Connect a ceramic capacitor from COMP to GND.
2
2
EN
Enable Control Input. Do not let this pin float.
3
3
DBRT
Brightness Control Input. To use external PWM dimming mode, apply a
PWM signal on this pin for brightness control. To use DC input PWM
dimming mode, apply a DC voltage range from 0.2V to 1.2V on this pin
linearly to set the internal dimming duty cycle from 0% to 100%. The MP3394
has positive dimming polarity on DBRT.
4
5
GND
Ground.
5
7
OSC
Switching Frequency Set. Connect a resistor between OSC and GND to set
the step-up converter switching frequency. The voltage at this pin is
regulated to 1.23V. The clock frequency is proportional to the current
sourced from this pin.
6
8
ISET
LED Current Set. Tie a current setting resistor from this pin to ground to
program the current in each LED string. This pin voltage is regulated to
1.23V. The LED current is proportional to the current through the ISET
resistor.
7
9
BOSC
Dimming Repetition Set. This is the timing pin for the oscillator to set the
dimming frequency. To use DC input PWM dimming mode, connect a
capacitor from this pin to GND to set the internal dimming frequency. A saw-
tooth waveform is generated on this pin. To use external PWM dimming
mode, connect a resistor from this pin to GND, and apply the PWM signal on
DBRT pin.
8
10
LED4
LED String 4 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 4 cathode to this pin.
9
11
LED3
LED String 3 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 3 cathode to this pin.
10
12
LED2
LED String 2 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 2 cathode to this pin.
11
13
LED1
LED String 1 Current Input. This pin is the open-drain output of an internal
dimming control switch. Connect the LED String 1 cathode to this pin.
12
14
OVP
Over-voltage Protection Input. Connect a resistor divider from output to this
pin to program the OVP threshold. When this pin voltage reaches 1.23V, the
MP3394 triggers Over Voltage Protection mode.


Similar Part No. - MP3394

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394EF MPS-MP3394EF Datasheet
199Kb / 5P
   4 strings 120mA White LED Driver Evaluation Board
MP3394ES MPS-MP3394ES Datasheet
181Kb / 5P
   4 strings 120mA White LED Driver Evaluation Board
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
   Step-Up, 4-String Max 200mA/String White LED Driver
MP3394SGF MPS-MP3394SGF Datasheet
425Kb / 17P
   Step-Up, 4-String Max 200mA/String White LED Driver
MP3394SGS MPS-MP3394SGS Datasheet
425Kb / 17P
   Step-Up, 4-String Max 200mA/String White LED Driver
More results

Similar Description - MP3394

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3394S MPS-MP3394S Datasheet
425Kb / 17P
   Step-Up, 4-String Max 200mA/String White LED Driver
MP3397 MPS-MP3397 Datasheet
396Kb / 16P
   Step-Up, 4-String Max 350mA/String White LED Driver
MP3387A MPS-MP3387A Datasheet
443Kb / 16P
   6-String, Max 80mA/String, Step-Up, White LED Driver with Combined Analog and PWM Dimming
MP3388S MPS-MP3388S Datasheet
477Kb / 15P
   50V, 8-String, Step-Up, White LED Driver
MP3398D MPS-MP3398D Datasheet
879Kb / 19P
   4-String, Max 350mA/String, Step-Up, White LED Controller with Analog and PWM Dimming
MP3398E MPS-MP3398E Datasheet
1,004Kb / 17P
   4-String, Max 400mA/String, 80V Return, Step-Up, WLED Controller
MP3384L MPS-MP3384L Datasheet
312Kb / 12P
   50V, 4-String, White LED Driver
MP3384 MPS-MP3384 Datasheet
323Kb / 13P
   50V, 4-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com