Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SE5023L-DS Datasheet(PDF) 5 Page - Skyworks Solutions Inc.

Part # SE5023L-DS
Description  5 GHz, 26dBm Power Amplifier with Power Detector Preliminary Information
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

SE5023L-DS Datasheet(HTML) 5 Page - Skyworks Solutions Inc.

  SE5023L-DS Datasheet HTML 1Page - Skyworks Solutions Inc. SE5023L-DS Datasheet HTML 2Page - Skyworks Solutions Inc. SE5023L-DS Datasheet HTML 3Page - Skyworks Solutions Inc. SE5023L-DS Datasheet HTML 4Page - Skyworks Solutions Inc. SE5023L-DS Datasheet HTML 5Page - Skyworks Solutions Inc. SE5023L-DS Datasheet HTML 6Page - Skyworks Solutions Inc. SE5023L-DS Datasheet HTML 7Page - Skyworks Solutions Inc. SE5023L-DS Datasheet HTML 8Page - Skyworks Solutions Inc. SE5023L-DS Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
DATA SHEET
SE5023L: 5 GHz, 26dBm Power Amplifier with Power Detector
Preliminary Information
Skyworks Solutions, Inc. ● Phone [781] 376-3000 ● Fax [781] 376-3100 ● sales@skyworksinc.com www.skyworksinc.com
DST-00497  Rev 1.1 ● Skyworks Proprietary Information ● Products and Product Information are Subject to Change Without Notice ● May 09, 2012
5 of 11
Absolute Maximum Ratings
These are stress ratings only. Exposure to stresses beyond these maximum ratings for a long period of time may
cause permanent damage to, or affect the reliability of the device. Avoid operating the device outside the
recommended operating conditions defined below. This device is ESD sensitive. Handling and assembly of this
device should be at ESD protected workstations.
Symbol
Definition
Min.
Max.
Unit
VCC
Supply Voltage on pins VCC3
-0.3
+6
V
Supply Voltage on pins VCC1, VCC2
-0.3
VCC3
VREF
Power Amplifier Enable and Reference Voltage
-0.3
3.6
V
RFIN
RF Input Power, RFout into 50Ω match, TCASE_MAX = 85C
-
6
dBm
TSTG
Storage Temperature Range
-40
160
°C
Tj
Maximum Junction Temperature
-
160
°C
ESD HBM
JEDEC JESD22-A114 all pins
-
500
V
Recommended Operating Conditions
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage VCC3
3.0
5.5
V
Supply Voltage VCC1, VCC2
3.0
VCC3
TCASE_MAX
Maximum Case Temperature
-40
85
°C
VREF
Reference Voltage
2.8
2.9
V
DC Electrical Characteristics
Conditions: VCC = 5.0V, VREF = 2.85 V, TA = 25 °C, as measured on Skyworks Solutions’ SE5023L-EK1 evaluation
board, unless otherwise noted.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
ICC-802.11a
Supply Current
POUT = 26 dBm, 54 Mbps, 64 QAM
-
600
-
mA
IQC
Quiescent Current
No RF
-
300
-
mA
IOFF
Supply Current
VREF = 0 V, No RF
-
0.5
10
μA
IEN
Bias Control
Current
VREF = VREF H
Internal 2KΩ pull down resistor
-
10
-
mA
VREF H
Reference Voltage
Enabled
-
2.80
2.85
2.9
V
IREF
Reference Voltage
Current
VREF voltage set to 2.85V
-
10
-
mA
VREF L
Reference Voltage
Disabled
-
0
-
0.5
V


Similar Part No. - SE5023L-DS

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SE5023L-EK1 SKYWORKS-SE5023L-EK1 Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
SE5023L-R SKYWORKS-SE5023L-R Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
More results

Similar Description - SE5023L-DS

ManufacturerPart #DatasheetDescription
logo
SiGe Semiconductor, Inc...
SE2567L SIGE-SE2567L Datasheet
69Kb / 2P
   5 GHz Power Amplifier with Power Detector Preliminary Information
logo
Skyworks Solutions Inc.
SE5023L SKYWORKS-SE5023L Datasheet
236Kb / 11P
   5 GHz, 26dBm Power Amplifier with Power Detector
logo
SiGe Semiconductor, Inc...
SE2527L SIGE-SE2527L Datasheet
59Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2597L SIGE-SE2597L Datasheet
70Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2590L SIGE-SE2590L Datasheet
76Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2598L SIGE-SE2598L Datasheet
77Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary Information
SE2525L SIGE-SE2525L Datasheet
1,000Kb / 12P
   RangeCharger??2.4GHz Power Amplifier with Power Detector Preliminary Information
SE2522L SIGE-SE2522L Datasheet
378Kb / 8P
   RangeCharger??2.4 GHz Power Amplifier And Power Detector IC Preliminary Information
SE2523BU SIGE-SE2523BU Datasheet
64Kb / 2P
   2.4 GHz Power Amplifier with Power Detector Preliminary
SE2537L SIGE-SE2537L Datasheet
65Kb / 2P
   5 GHz Power Amplifier with Power Detector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com