Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3391 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP3391
Description  8-Channel, 120mA/ch Step-Up WLED Driver Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3391 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP3391 Datasheet HTML 1Page - Monolithic Power Systems MP3391 Datasheet HTML 2Page - Monolithic Power Systems MP3391 Datasheet HTML 3Page - Monolithic Power Systems MP3391 Datasheet HTML 4Page - Monolithic Power Systems MP3391 Datasheet HTML 5Page - Monolithic Power Systems MP3391 Datasheet HTML 6Page - Monolithic Power Systems MP3391 Datasheet HTML 7Page - Monolithic Power Systems MP3391 Datasheet HTML 8Page - Monolithic Power Systems MP3391 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
MP3391—8-CHANNEL, 120mA/CH STEP-UP WLED DRIVER CONTROLLER
MP3391 Rev. 1.11
www.MonolithicPower.com
4
3/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
VIN =18V, VEN = 5V, TA = +25°C, unless otherwise noted.
Parameters
Symbol
Condition
Min
Typ
Max
Units
Operating Input Voltage
VIN
9
35
V
Supply Current (Quiescent)
IQ
VIN=18V, VEN=5V, no load no
switching, RISET=20kΩ
3.5
mA
Supply Current (Shutdown)
IST
VEN=0V, VIN=18V
2
μA
VCC Output Voltage
VCC
VEN=5V,
6V<VIN<35V,
0<IVCC<10mA
4.5
5
5.5
V
VCC UVLO Threshold
VCC_UVLO
Rising Edge
3.4
3.9
4.3
V
VCC UVLO Hysteresis
200
mV
VDD Output Voltage
VDD
VEN=5V,
12V<VIN<35V,
0<IVDD<15mA
9
10
11
V
VDD UVLO Threshold
VCC_UVLO
Rising Edge
6.8
7.3
7.8
V
VDD UVLO Hysteresis
500
mV
EN High Voltage
VEN_HIGH
VEN Rising
1.6
V
EN Low Voltage
VEN_LOW
VEN Falling
0.8
V
NUMSEL High Threshold
VNUMSEL_HI
Rising, 6 strings
3
V
NUMSEL Low Threshold
VNUMSEL_LO
Falling, 4 strings
0.8
V
STEP-UP CONVERTER
Gate
Driver
Impedance
(Sourcing)
RGH
VDD=10V,IGATE=10mA
4.5
Gate
Driver
Impedance
(Sinking)
RGL
VDD=10V,IGATE=-10mA
1.5
Gate
Maximum
Source
Current
ISOURCE
0.4
A
Gate Maximum Sink Current
ISINK
1
A
Switching Frequency
fSW
ROSC= 50kΩ
235
280
325
kHz
OSC Voltage
VOSC
1.20
1.23
1.26
V
Minimum On Time
TON_MIN
PWM Mode,
when no pulse skipping happens
200
ns
Maximum Duty Cycle
DMAX
90
%
ISENSE Limit
90% Duty Cycle
175
230
285
mV
COMP Source Current Limit
ICOMP SOLI
200
μA
COMP Sink Current Limit
ICOMP SILI
50
μA
PWM DIMMING
DBRT Leakage Current
IDBRT_LK
-5
+5
μA
BOSC Frequency
FBOSC
CBOSC=2.2nF
1.2
1.6
2
kHz
BOSC Output Current
IBOSC
5.7
7.0
7.9
μA


Similar Part No. - MP3391

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3391EF MPS-MP3391EF Datasheet
204Kb / 7P
   8 String White LED Driver Evaluation Board
MP3391EY MPS-MP3391EY Datasheet
192Kb / 7P
   8 String White LED Driver Evaluation Board
More results

Similar Description - MP3391

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1937 TSC-TS1937 Datasheet
384Kb / 8P
   Boost (Step-up) WLED Driver
logo
Monolithic Power System...
MP3373 MPS-MP3373 Datasheet
678Kb / 20P
   8 Strings, Step Up WLED Controller with External Transistor
EV3373-M-00A MPS-EV3373-M-00A Datasheet
613Kb / 7P
   8 Strings, Step Up WLED Controller with External Transistor
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371_14 Datasheet
484Kb / 8P
   Boost (Step-up) WLED Driver with OVP
logo
SG Micro Corp
SGM3727 SGMICRO-SGM3727 Datasheet
367Kb / 13P
   High Efficiency 38V Step-Up WLED Driver
logo
Taiwan Semiconductor Co...
TS19371 TSC-TS19371 Datasheet
222Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19371 TSC-TS19371_10 Datasheet
226Kb / 10P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370 Datasheet
193Kb / 8P
   Boost (Step-up) WLED Driver with OVP
TS19370 TSC-TS19370_10 Datasheet
124Kb / 8P
   Boost (Step-up) WLED Driver with OVP
logo
SHANGHAI BELLING CO., L...
BL8088 BELLING-BL8088 Datasheet
394Kb / 5P
   8-Channel WLED Linear Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com