Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3356DG Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3356DG
Description  High Voltage Photo Flash Charger and IGBT Driver for DSC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3356DG Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP3356DG Datasheet HTML 2Page - Monolithic Power Systems MP3356DG Datasheet HTML 3Page - Monolithic Power Systems MP3356DG Datasheet HTML 4Page - Monolithic Power Systems MP3356DG Datasheet HTML 5Page - Monolithic Power Systems MP3356DG Datasheet HTML 6Page - Monolithic Power Systems MP3356DG Datasheet HTML 7Page - Monolithic Power Systems MP3356DG Datasheet HTML 8Page - Monolithic Power Systems MP3356DG Datasheet HTML 9Page - Monolithic Power Systems MP3356DG Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
MP3356 – HIGH VOLTAGE PHOTO FLASH CHARGER AND IGBT DRIVER FOR DSC
MP3356 Rev. 0.91
www.MonolithicPower.com
8
1/29/2010
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2010 MPS. All Rights Reserved.
OPERATION
The MP3356 controlled flyback charger operates
in critical conduction mode with 1.5A peak
current. The output voltage is divided down
through an internal 300: 1 resistive divider from
the
positive
terminal
of
the
transformer
secondary (FB pin) and compares it with an
internal 1.2V reference.
The low to high
transition of the EN pin will enable the flyback
converter to switch.
A constant TOFF of 20µs is used when the output
voltage is below 20V to avoid inrush current. The
boundary mode operation will follow to minimize
charge time when the output voltage is above
20V. A minimum TOFF of 200ns serves as
blanking for turn off transition. The circuit will stop
switching and PG will be pulled low once the
flash capacitor is charged to 300V. This value is
set by the internal 300:1 R divider and the 1.2V
reference. When charge is complete, the part will
shut down its internal circuitry and draw less than
100uA drawn from Vin. The EN pin will restart the
charge. Bringing the EN pin low terminates the
power delivery and puts the part in shutdown. A
maximum TON timer prevents pulling current from
a depleted battery. If the ON time exceeds the
maximum TON, the switch is forced OFF
regardless of IPEAK detection.


Similar Part No. - MP3356DG

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3356DG MPS-MP3356DG Datasheet
279Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results

Similar Description - MP3356DG

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
logo
Monolithic Power System...
MP3360 MPS-MP3360 Datasheet
324Kb / 8P
   Highly Integrated Photo Flash Charger and IGBT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com