Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BH6799FVM Datasheet(PDF) 5 Page - Rohm

Part # BH6799FVM
Description  5V Single-phase Full wave Fan motor driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BH6799FVM Datasheet(HTML) 5 Page - Rohm

  BH6799FVM Datasheet HTML 1Page - Rohm BH6799FVM Datasheet HTML 2Page - Rohm BH6799FVM Datasheet HTML 3Page - Rohm BH6799FVM Datasheet HTML 4Page - Rohm BH6799FVM Datasheet HTML 5Page - Rohm BH6799FVM Datasheet HTML 6Page - Rohm BH6799FVM Datasheet HTML 7Page - Rohm BH6799FVM Datasheet HTML 8Page - Rohm BH6799FVM Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Datasheet
5/10
© 2012 ROHM Co., Ltd. All rights reserved.
www.rohm.com
11.Jul.2012 Rev.001
TSZ02201-0H1H0B100120-1-2
TSZ22111・15・001
BH6799FVM
●Description of operations
1) Lock protection and automatic restart circuit
Motor rotation is detected by hall signal, and lock detection ON time (Ton) and lock detection OFF time (Toff) are set
by IC internal counter. External part (C or R) is not required. Timing chart is shown in Fig.9.
Fig.9 Lock protection timing chart
2) Soft switching function (silent drive setting)
Input signal to hall amplifier is amplified to produce an output signal.
When the hall element output signal is small, the gradient of switching of output waveform is gentle; When it is large,
the gradient of switching of output waveform is steep. Enter an appropriate hall element output to IC where output
waveform swings sufficiently.
Fig.10 Relation between hall element output amplitude and output waveform
3) Hall input setting
Hall input voltage range is shown in operating conditions.
Fig.11 Hall input voltage range
Adjust the value of hall element bias resistor R1 in Fig.12 so that the input voltage of a hall amplifier is input in "hall
input voltage range" including signal amplitude.
(H+)-(H-)
OUT1
Vcc-1.1V
Vcc
GND
0.4V
H+
Toff
FG
Ton
Idling
Output Tr OFF
ON
Depends on hall signal.
(H in this figure)
Motor
locking
Lock
detection
Lock
release
Recovers
normal
operation
OUT2
OUT1


Similar Part No. - BH6799FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BH6799FVM ROHM-BH6799FVM Datasheet
313Kb / 5P
   Single-Phase Full-Wave Motor Driver for Fan Motor
BH6799FVM ROHM-BH6799FVM Datasheet
113Kb / 4P
   Silicon Monolithic Integrated Circuit
BH6799FVM ROHM-BH6799FVM Datasheet
400Kb / 13P
   5V Single-phase Full wave Fan motor driver
BH6799FVM ROHM-BH6799FVM_11 Datasheet
113Kb / 4P
   Silicon Monolithic Integrated Circuit
BH6799FVM ROHM-BH6799FVM_12 Datasheet
400Kb / 13P
   5V Single-phase Full wave Fan motor driver
More results

Similar Description - BH6799FVM

ManufacturerPart #DatasheetDescription
logo
Rohm
BU6904NUX ROHM-BU6904NUX Datasheet
782Kb / 17P
   5V Single-phase Full-wave Fan Motor Driver
BU6906GF ROHM-BU6906GF Datasheet
890Kb / 19P
   5V Single-phase Full-wave Fan Motor Driver
BU6906NUX ROHM-BU6906NUX Datasheet
833Kb / 19P
   5V Single-phase Full-wave Fan Motor Driver
BH6799FVM ROHM-BH6799FVM_12 Datasheet
400Kb / 13P
   5V Single-phase Full wave Fan motor driver
BU6904GF ROHM-BU6904GF Datasheet
826Kb / 17P
   5V Single-phase Full-wave Fan Motor Driver
logo
Sanyo Semicon Device
LB11862M SANYO-LB11862M Datasheet
393Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
LB11964T SANYO-LB11964T Datasheet
77Kb / 5P
   Single-Phase Full-Wave Fan Motor Driver
logo
Agamem Microelectronic ...
AA51861 AGAMEM-AA51861 Datasheet
37Kb / 1P
   SINGLE-PHASE FULL-WAVE FAN MOTOR DRIVER
logo
ON Semiconductor
LB11961-TLM-H ONSEMI-LB11961-TLM-H Datasheet
84Kb / 7P
   Single-Phase Full-Wave Fan Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1862 SANYO-LB1862 Datasheet
41Kb / 7P
   Fan Motor Single-Phase Full-Wave Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com