Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3352DQ Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP3352DQ
Description  60V, 2.5A Integrated Photo Flash Charger with IGBT Driver and Quench
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3352DQ Datasheet(HTML) 8 Page - Monolithic Power Systems

  MP3352DQ Datasheet HTML 1Page - Monolithic Power Systems MP3352DQ Datasheet HTML 2Page - Monolithic Power Systems MP3352DQ Datasheet HTML 3Page - Monolithic Power Systems MP3352DQ Datasheet HTML 4Page - Monolithic Power Systems MP3352DQ Datasheet HTML 5Page - Monolithic Power Systems MP3352DQ Datasheet HTML 6Page - Monolithic Power Systems MP3352DQ Datasheet HTML 7Page - Monolithic Power Systems MP3352DQ Datasheet HTML 8Page - Monolithic Power Systems MP3352DQ Datasheet HTML 9Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
MP3352 – INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
MP3352 Rev. 0.9
www.MonolithicPower.com
8
11/12/2008
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2008 MPS. All Rights Reserved.
Setting Output Voltage
The output voltage is set by selecting the
resistive voltage divider ratio. If we use 1.2kΩ the
low side resistor (R8) of the voltage divider, we
can determine the high side resistor (R2, R5) by
the equation:
out
FB
25
8
FB
VV
1
RR
R
2V
==
Typical
values
are
R2=R5=150kΩ
and
R8=1.2kΩ.
Output Diode Selection
The reverse voltage of the output diode is
determined by:
in
out
D
NV
V
V
+
=
Quench Function
MP3352
has
build-in
quench
function
to
accurately control exposure time and preserve
power, thus to extend battery life.
When output capacitor is fully charged and
IGBTIN (pin14) is set high, internal IGBT driver
drives the gate of IGBT high and fires the flash
strobe. Once the photo transistor gets the flash
light, it starts to charge C and the voltage of C
represents the total exposure. IGBT will be off
when the voltage on C exceeds the control
voltage on QREF (Pin3)
MP3352
SW
RDYB
SW
FB
ISET
IGBTOUT
QREF
QSNS
GND
NC
NC
IGBTIN
PGND
PGND
CHARGE
VIN
VCC
Control Voltage
Photo Transistor
C
6
9
15
3
4
2
10
11
7
8
14
5
1
16
13
12
TYPICAL APPLICATION CIRCUIT
MP3352
VIN
CHARGE
Xenon Flash
RDYB
QREF
QSNS
GND
PGND
PGND
IGBTIN
IGBTOUT
ISET
FB
SW
SW
NC NC
T1
T2
Q2
Q1
VIN
CHAG
RDYB
QREF
QSNS
IGBTIN
VCC
6
9
15
3
4
2
10 11
7
8
14
5
1
16
13
12
+
Figure 2—Application Circuit for 2 Cell Li-Ion Battery Photo Flash Charger


Similar Part No. - MP3352DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3352DQ MPS-MP3352DQ Datasheet
191Kb / 6P
   Integrated Photo Flash Charger IGBT Driver EV Board
More results

Similar Description - MP3352DQ

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3351 MPS-MP3351 Datasheet
535Kb / 8P
   60V, 2A Integrated Photo Flash Charger With IGBT Driver
logo
Texas Instruments
TPS65552ADGQG4 TI1-TPS65552ADGQG4 Datasheet
731Kb / 20P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI1-TPS65552A_16 Datasheet
531Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563 TI-TPS65563 Datasheet
596Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65560 TI-TPS65560 Datasheet
944Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65552A TI-TPS65552A Datasheet
404Kb / 14P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65563A TI-TPS65563A Datasheet
807Kb / 18P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65573 TI-TPS65573 Datasheet
425Kb / 13P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65561 TI-TPS65561 Datasheet
568Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
TPS65562 TI1-TPS65562 Datasheet
668Kb / 16P
[Old version datasheet]   INTEGRATED PHOTO FLASH CHARGER AND IGBT DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com