Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LUXEON4014 Datasheet(PDF) 11 Page - Lumileds Lighting Company

Part # LUXEON4014
Description  Compact footprint delivering high-efficacy and just the right amount of light
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMILEDS [Lumileds Lighting Company]
Direct Link  http://www.luxeon.com
Logo LUMILEDS - Lumileds Lighting Company

LUXEON4014 Datasheet(HTML) 11 Page - Lumileds Lighting Company

Back Button LUXEON4014 Datasheet HTML 6Page - Lumileds Lighting Company LUXEON4014 Datasheet HTML 7Page - Lumileds Lighting Company LUXEON4014 Datasheet HTML 8Page - Lumileds Lighting Company LUXEON4014 Datasheet HTML 9Page - Lumileds Lighting Company LUXEON4014 Datasheet HTML 10Page - Lumileds Lighting Company LUXEON4014 Datasheet HTML 11Page - Lumileds Lighting Company LUXEON4014 Datasheet HTML 12Page - Lumileds Lighting Company LUXEON4014 Datasheet HTML 13Page - Lumileds Lighting Company LUXEON4014 Datasheet HTML 14Page - Lumileds Lighting Company  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
LUXEON 4014 Datasheet DS205 20130502 ©2013 Philips Lumileds Lighting Company.
10
Emitter Reel Packaging
Notes for Figure 10:
1. All dimentions are in millimeters.
2. Empty component pockets sealed with top cover tape.
3. 7 inch reel-3000 pieces per reel.
4. Minimum packing quantity is 1000 pieces.
5. The maximum number of consecutive missing LEDs is two.
6. In accordance with EIA-481-1-B specification.
12.4 +2/-0
18.4 max
PART NO: MXM8-PW40-5601
CAT CODE: L56X
DATE CODE: 1205
QUANTITY: 1998
LOT NO: 090430-0136959718
Ø24.0 ±0.5
Ø13.0 ±0.2
2.0 +0.5/-0.0
Figure 10. Emitter reel packaging.


Similar Part No. - LUXEON4014

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
LUXEON3030HE LUMILEDS-LUXEON3030HE Datasheet
2Mb / 22P
   Industry leading efficacy, 3V 3030 package
20210120
More results

Similar Description - LUXEON4014

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
MXZ7-PW50 LUMILEDS-MXZ7-PW50 Datasheet
2Mb / 25P
   Compact footprint delivering high-efficacy and just the right amount of light
DS205 LUMILEDS-DS205 Datasheet
1Mb / 25P
   A compact footprint delivering high efficacy and just the right amount of light
PB205 LUMILEDS-PB205 Datasheet
762Kb / 2P
   A compact footprint delivering high efficacy and just the right amount of light
DS118 LUMILEDS-DS118 Datasheet
1Mb / 18P
   Standard ceramic 3535 footprint delivering high efficacy at high-drive current
L1Q0-278000000ZZZ0 LUMILEDS-L1Q0-278000000ZZZ0 Datasheet
1Mb / 18P
   Industry Standard 3535 Footprint Delivering High Efficacy at High Drive Current
logo
TE Connectivity Ltd
408-2648 TEC-408-2648 Datasheet
542Kb / 6P
   The care, amount of use, and handling of the dies.
logo
Lumileds Lighting Compa...
L130-8070001400001 LUMILEDS-L130-8070001400001 Datasheet
2Mb / 22P
   High efficacy compact package, designed for high quality light output
20200426
DS115 LUMILEDS-DS115 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
LHC1-3590-1203 LUMILEDS-LHC1-3590-1203 Datasheet
3Mb / 23P
   High-efficacy LED with a small light emitting surface and greater uniformity of light
logo
ams AG
KTDMLN31.13 AMSCO-KTDMLN31.13 Datasheet
1Mb / 23P
   nullThis compact LED device is part of the SYNIOS P2720 family. Given the scalability of this product family, it provides full performance and flexibility with just one footprint.
Version 1.2 2023-01-27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com