Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AA101-80 Datasheet(PDF) 4 Page - Alpha Industries

Part # AA101-80
Description  GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHA [Alpha Industries]
Direct Link  http://www.alphaind.com
Logo ALPHA - Alpha Industries

AA101-80 Datasheet(HTML) 4 Page - Alpha Industries

  AA101-80 Datasheet HTML 1Page - Alpha Industries AA101-80 Datasheet HTML 2Page - Alpha Industries AA101-80 Datasheet HTML 3Page - Alpha Industries AA101-80 Datasheet HTML 4Page - Alpha Industries AA101-80 Datasheet HTML 5Page - Alpha Industries  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
GaAs IC 5 Bit Digital Attenuator 1 dB LSB Positive Control 0.5–2.5 GHz
AA101-80
4
Alpha Industries, Inc. [781] 935-5150
• Fax [617] 824-4579 • Email sales@alphaind.com • www.alphaind.com
Specifications subject to change without notice. 10/00A
Frequency (GHz)
Insertion Loss vs. Frequency
0
0.5
1.0
1.5
2.0
2.5
3.0
-3.00
-2.75
-2.50
-2.25
-2.00
-1.75
-1.50
-1.25
-1.00
+25˚C
+85˚C
-40˚C
VSWR vs. Frequency (25˚C)
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
1.00
1.25
1.50
1.75
2.00
2.25
2.50
Ins. Loss
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Accuracy
vs. Frequency (25˚C)
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Accuracy
vs. Frequency (85˚C)
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
Attenuation Phase Accuracy
vs. Frequency (25˚C)
-20
-10
0
10
20
30
40
50
60
70
80
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Frequency (GHz)
Attenuation Accuracy
vs. Frequency (-40˚C)
0
0.5
1.0
1.5
2.0
2.5
3.0
-1.00
-0.75
-0.50
-0.25
0
0.25
0.50
0.75
1.00
1 dB
2 dB
4 dB
8 dB
16 dB
31 dB
Typical Performance Data (0, +3 V)


Similar Part No. - AA101-80

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA101-80 SKYWORKS-AA101-80 Datasheet
487Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA101-80LF SKYWORKS-AA101-80LF Datasheet
487Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
More results

Similar Description - AA101-80

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
AA101-80 SKYWORKS-AA101-80_07 Datasheet
487Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA102-80 SKYWORKS-AA102-80 Datasheet
448Kb / 7P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
logo
Alpha Industries
AA102-80 ALPHA-AA102-80 Datasheet
281Kb / 5P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.5 GHz
AA226-87 ALPHA-AA226-87 Datasheet
329Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-2.5 GHz
AA106-86 ALPHA-AA106-86 Datasheet
108Kb / 3P
   GaAs IC 5 Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
logo
Skyworks Solutions Inc.
AA106-86 SKYWORKS-AA106-86 Datasheet
182Kb / 5P
   GaAs IC 5-Bit Digital Attenuator 0.5 dB LSB Positive Control 0.5-2.0 GHz
logo
Alpha Industries
AA105-86 ALPHA-AA105-86 Datasheet
400Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 1 dB LSB Positive Control 0.5-3.0 GHz
logo
Skyworks Solutions Inc.
AA264-87 SKYWORKS-AA264-87_05 Datasheet
571Kb / 7P
   GaAs IC 4-Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Alpha Industries
AA264-87 ALPHA-AA264-87 Datasheet
244Kb / 5P
   GaAs IC 4 Bit Digital Attenuator 2 dB LSB Positive Control 0.5-2 GHz
logo
Skyworks Solutions Inc.
AA113-310 SKYWORKS-AA113-310 Datasheet
135Kb / 4P
   GaAs IC 6-Bit Digital Attenuator with Driver 0.5 dB LSB Positive Control LF-1 GHz
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com