Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP3120 Datasheet(PDF) 7 Page - Monolithic Power Systems

Part # MP3120
Description  1.2A, 1.1MHz Synchronous Boost Converter with Output Disconnect
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3120 Datasheet(HTML) 7 Page - Monolithic Power Systems

Back Button MP3120 Datasheet HTML 2Page - Monolithic Power Systems MP3120 Datasheet HTML 3Page - Monolithic Power Systems MP3120 Datasheet HTML 4Page - Monolithic Power Systems MP3120 Datasheet HTML 5Page - Monolithic Power Systems MP3120 Datasheet HTML 6Page - Monolithic Power Systems MP3120 Datasheet HTML 7Page - Monolithic Power Systems MP3120 Datasheet HTML 8Page - Monolithic Power Systems MP3120 Datasheet HTML 9Page - Monolithic Power Systems MP3120 Datasheet HTML 10Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MP3120-1.2A, 1.1MHz SYNCHRONOUS BOOST
MP3120 Rev. 0.93
www.MonolithicPower.com
7
9/20/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
Current Sensing
Lossless current sensor converts the N-MOS
switch current signal to a voltage signal and it is
summed with the internal slope compensation.
The summed signal is compared with the error
amplifier output to provide a series of PWM
signal. The current limit threshold is about 1.2A
which is independent of input and output voltage.
The switch current signal is blanked for 60ns to
enhance noise rejection.
Synchronous Rectifier
The P-MOS synchronous rectifier is only enabled
when VOUT > (VIN + 0.1V) and the FB pin is above
800mV.
Thermal Shutdown
An internal temperature monitor will start to
reduce the peak current limit if the die
temperature
exceeds
125ºC.
If
the
die
temperature continues to rise and reaches to
160ºC, the part will thermally shutdown, all
switches will be turned off. The part will be
enabled again when the die temperature drops
by about 20ºC.
Output Disconnect and Inrush Current
Limiting
The MP3120 is designed to allow true output
disconnect by eliminating body diode conduction
of the internal PMOS rectifier. This allows VOUT
to go to zero volts during shutdown, and drawing
zero current from the input source. It also allows
for inrush current limiting during start-up,
minimizing surge currents from the input. Note
that to obtain the advantage of output disconnect,
there must be no external schottky diode
connected between the SW pin and OUT pin.
Board layout is extremely critical to minimize
voltage spike on SW pin caused by stray
inductance. Keep the output filter capacitors as
close as possible to the OUT pin and use very
low ESR/ESL ceramic capacitors tied to a good
ground plane.
Short Circuit Protection
Unlike most boost converters, the MP3120 allows
the output to be short circuit due to the output
disconnect feature. The device incorporates
internal features such as current limit feedback,
thermal regulation and thermal shutdown to
prevent the chip from burning out caused by
excessive overload or short circuit. In the event
of a short circuit, the current limit reduces to a
smaller value. The thermal protection circuit also
functions in addition to the current limit in case of
the device temperature rise up to above 125ºC.
VOUT< VIN Operation
The MP3120 maintains the output voltage to be
regulated even if the input voltage is above the
output voltage. In this mode the P-MOS no
longer acts as a low impedance switch, there will
be more power dissipation within the IC. This will
cause a sharp drop in the efficiency. The
maximum output current should be limited in
order to maintain an acceptable junction
temperature.


Similar Part No. - MP3120

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP3120EJ MPS-MP3120EJ Datasheet
193Kb / 4P
   1.2A, 1.1MHz Synchronous Boost Converter Evaluation Board
More results

Similar Description - MP3120

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR8406 LRC-LR8406 Datasheet
618Kb / 22P
   1.2A, 1.2MHz Synchronous Boost Converter with Output Disconnect
logo
Monolithic Power System...
EV3120EJ-00A MPS-EV3120EJ-00A Datasheet
193Kb / 4P
   1.2A, 1.1MHz Synchronous Boost Converter Evaluation Board
logo
Power IC Ltd.
PS0100 PICSEMI-PS0100 Datasheet
979Kb / 13P
   600mA Synchronous Boost Converter with Output Disconnect
PS0020 PICSEMI-PS0020 Datasheet
156Kb / 10P
   Low Iq Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8425 LRC-LR8425 Datasheet
164Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Shenzhen Huazhimei Semi...
HM7065 HMSEMI-HM7065 Datasheet
329Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Leshan Radio Company
LR8421 LRC-LR8421 Datasheet
179Kb / 7P
   5A, 500KHz Synchronous Boost Converter with Output Disconnect
logo
Seaward Electronics Inc...
SE3609 SEAWARD-SE3609 Datasheet
292Kb / 8P
   1MHz/1.2A Synchronous Boost Converter
logo
Linear Technology
LTC3429 LINER-LTC3429_15 Datasheet
204Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
LTC3429 LINER-LTC3429 Datasheet
198Kb / 12P
   600mA, 500kHz Micropower Synchronous Boost Converter with Output Disconnect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com