Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP2910 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP2910
Description  Synchronous Buck PWM DC-DC and Linear Power Controller
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2910 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP2910 Datasheet HTML 6Page - Monolithic Power Systems MP2910 Datasheet HTML 7Page - Monolithic Power Systems MP2910 Datasheet HTML 8Page - Monolithic Power Systems MP2910 Datasheet HTML 9Page - Monolithic Power Systems MP2910 Datasheet HTML 10Page - Monolithic Power Systems MP2910 Datasheet HTML 11Page - Monolithic Power Systems MP2910 Datasheet HTML 12Page - Monolithic Power Systems MP2910 Datasheet HTML 13Page - Monolithic Power Systems MP2910 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
MP2910 – 5V/12V SYNCHRONOUS BUCK PWM DC-DC AND LINEAR POWER CONTROLLER
MP2910 Rev. 1.0
www.MonolithicPower.com
10
12/14/2011
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2011 MPS. All Rights Reserved.
OPERATION
The MP2910 is a 5V/12V synchronous buck
PWM DC/DC and linear power controller. It
adopts voltage mode PWM control and includes
internal
soft-start,
frequency-compensation
networks, power good signaling with specific
sequence. The part is operated at fixed 300 kHz
frequency providing an optimum compromise
between efficiency, external component size, and
cost. The linear controller is implemented to drive
an external MOSFET for regulation and it's
adjustable by setting external resistors. An
adjustable over-current protection (OCP) is
proposed to monitor the voltage drop across the
RDS(ON) of the lower MOSFET for synchronous
buck PWM DC-DC controller.
VCC Under-Voltage Lockout (UVLO)
VCC
Under-voltage
lockout
(UVLO)
is
implemented to protect the chip from operating at
insufficient supply voltage. The MP2910 UVLO’s
rising threshold is about 4.1V with a hysteresis of
400mV. It’s not-latch protection.
Internal Soft-Start
The soft-start is employed to prevent the
converter output voltage from overshooting
during startup. When the chip starts, the internal
circuitry generates a soft-start voltage (SS)
ramping up from 0V. When it is lower than the
internal reference (REF), SS overrides REF so
the error amplifier uses SS as the reference. The
output voltage smoothly ramps up with the SS
voltage. When SS is higher than REF, REF
regains control. The circuit enters into steady
stage operation. The SS time’s typical value is
2.5ms.
Power Good Indicator
The PG pin is the open drain of a MOSFET, it
should be connected to supply power by a
resistor network. When the FB voltage reaches
90% of REF voltage, the PG pin is pulled high
after an about 4ms delay. When the FB voltage
drops to 80% of REF voltage, the PG pin will be
pulled low.
Internal Loop Compensation
MP2910 is a voltage mode buck controller with
internal loop compensation using a high gain
transconductance error amplifier as shown in
Figure 2.
Figure 2 — Compensation Loop with
Transconductance Error Amplifier
The pole and zero of the compensation network
are:
P
12
1
f=
2π×R C
Z
11
1
f=
2π×R C
MP2910
internal
compensation
network
parameters:
GM=0.2mS ,
1
R=75kΩ ,
1
C =2.5nF ,
2
C =5pF
OPS (Over Current Setting, VIN Power on
Reset and Shutdown) (Pin 13)
OCP (Over Current Setting)
MP2910 senses the low-side MOSFET’s RDS(ON)
to set the over current trip point. Connect an over
current setting resistor ROCSET from this pin to SW
(Pin 14), then the over current trip point can be
estimated according to the following equation:
OCSET
OCSET
DS(ON)
38μAR
- 0.4V
I
R
of the low-side MOSFET


Similar Part No. - MP2910

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2910ES MPS-MP2910ES Datasheet
348Kb / 5P
   5V/12V Synchronous Buck PWM DC/DC and Linear Power Controller EV Board
More results

Similar Description - MP2910

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9259C RICHTEK-RT9259C Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218B RICHTEK-RT9218B Datasheet
389Kb / 17P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259 RICHTEK-RT9259 Datasheet
303Kb / 15P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9259A RICHTEK-RT9259A Datasheet
243Kb / 14P
   12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9218 RICHTEK-RT9218 Datasheet
403Kb / 18P
   5V/12V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9212 RICHTEK-RT9212 Datasheet
300Kb / 14P
   Dual 5V Synchronous Buck PWM DC-DC and Linear Power Controller
RT9203 RICHTEK-RT9203 Datasheet
215Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205 RICHTEK-RT9205 Datasheet
305Kb / 16P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
RT9205 RICHTEK-RT9205_07 Datasheet
215Kb / 15P
   Dual Regulators - Synchronous Buck PWM DC-DC and Linear Controller
logo
Intersil Corporation
ISL6521 INTERSIL-ISL6521 Datasheet
639Kb / 13P
   PWM Buck DC-DC and Triple Linear Power Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com