Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK1221 Datasheet(PDF) 4 Page - Asahi Kasei Microsystems

Part # AK1221
Description  3500MHz High Linearity Mixer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AK1221 Datasheet(HTML) 4 Page - Asahi Kasei Microsystems

  AK1221 Datasheet HTML 1Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 2Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 3Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 4Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 5Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 6Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 7Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 8Page - Asahi Kasei Microsystems AK1221 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
[AK1221]
MS1400-E-02
4
2013/05
5. System Diagram
Fig. 2
System Diagram
RF Input
Impedance
Matching
Output Load
Resistor
680Ω
RFIN
LOINN
LOINP
IFOUTP
IFOUTN
AK1221
VSS
VSS
BALUN
VDD
(Powerfeeding for
Open-drain Output)
VSS
VDD
VSS
LO Buffer
Iref
Mixer
VSS
BIAS
Current Adjustment
Resistor
22kΩ to 56kΩ
RF Input
LO Input
IF Output
100pF
10nF
IF Input
Impedance
Matching
100pF
10nF
VSS
VDD
VSS


Similar Part No. - AK1221

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221_17 Datasheet
925Kb / 27P
   3500MHz High Lineartity Mixer
More results

Similar Description - AK1221

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221_17 Datasheet
925Kb / 27P
   3500MHz High Lineartity Mixer
logo
M/A-COM Technology Solu...
MAMX-011021 MA-COM-MAMX-011021 Datasheet
987Kb / 8P
   High Linearity Mixer
logo
Asahi Kasei Microsystem...
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
   High Linearity Integrated GaAs Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
   High Linearity Integrated GaAs Mixer
logo
List of Unclassifed Man...
SPM-1045 ETC1-SPM-1045 Datasheet
246Kb / 8P
   High Linearity Passive FET Mixer
logo
Linear Technology
LT5521 LINER-LT5521 Datasheet
269Kb / 16P
   Very High Linearity Active Mixer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com